Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 34Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 35Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 36Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 37Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 38Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 39Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 40Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 41Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 38 of 52
SERIAL AUDIO INTERFACE CONTROL 2 REGISTER
Address: 0x05, Reset: 0x08, Name: SAI_CTRL_2
Table 31. Bit Descriptions for SAI_CTRL_2
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
6
PAD_DRV
Output pad drive strength control. SNS_PDM_DAT/SNS_SDATAO pin output drive
strength.
0x0
R/W
0
low strength
1
high strength
5
AUTO_SAI
Automatic Serial Audio Interface Detection Enable. When AUTO_SAI = 1 the Serial
Audio Interface automatically configures based on the connections of BCLK and
FSYNC. When FSYNC and BCLK are connected normally, and a pulsed FSYNC is
detected, the interface automatically configures for TDM operation. When FSYNC and
BCLK are connected normally, and a 50% duty cycle FSYNC is detected, the interface
automatically configures for multichip I2S operation. When FSYNC and BCLK are
connected to the opposite pins, the interface automatically configures for normal I2S
operation.
When set for automatic detection the values of SAI_MODE and SDATA_FMT are
ignored.
0x0
R/W
0
SAI_MODE, SDATA_FMT, and MC_I2S are used to set the Serial Audio Interface
configuration
1
Auto Serial Audio Interface Detection Enabled
4
MC_I2S
Multichip I2S Enable. When MC_I2S is selected, this overrides the SAI_MODE selection.
0x0
R/W
0
Normal Operation
1
Multichip I2S Operation
3
AUTO_SLOT
Automatic TDM and MC I2S slot selection
0x1
R/W
0
TDM/MC I2S Slot determined by TDM_SLOT bits
1
TDM/MC I2S Slot determined by ADDR pin
[2:0]
TDM_SLOT
TDM and Multichip I2S slot selection
0x0
R/W
000
Chip Slot 1 Used
001
Chip Slot 2 Used
010
Chip Slot 3 Used
011
Chip Slot 4 Used
100
Chip Slot 5 Used
101
Chip Slot 6 Used
110
Chip Slot 7 Used
111
Chip Slot 8 Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com