Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 40Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 41Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 44 of 52
BATTERY VOLTAGE OUTPUT REGISTER
Address: 0x0C, Reset: 0x00, Name: BATTERY_V_OUT
Table 38. Bit Descriptions for BATTERY_V_OUT
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VBAT
8-Bit Unsigned Battery Voltage
0x0
R
LIMITER CONTROL 1 REGISTER
Address: 0x0D, Reset: 0xA4, Name: LIMITER_CTRL_1
Table 39. Bit Descriptions for LIMITER_CTRL_1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
SLOPE
Limiter Ratio below the VBAT_INF threshold. Limiter ratio once the VBAT voltage falls
below the VBAT_INF threshold. This sets the slope of the limiter curve as the VBAT
voltage falls.
0x2
R/W
00
1:1 Limiter Ratio
01
2:1 Limiter Ratio
10
3:1 Limiter Ratio
11
4:1 Limiter Ratio
[5:3]
VBAT_INF
Battery Voltage Inflection point. When VBAT drops below the inflection point and
VBAT_TRACK = 1 the limiter threshold starts being lowered to limit maximum output
and peak current from the battery. The amount of reduction when the battery voltage
is lower than VBAT_INF is determined by the SLOPE bits.
0x4
R/W
000
3.9 V
001
3.8 V
010
3.7 V
011
3.6 V
100
3.5 V
101
3.4 V
110
3.3 V
111
3.2 V
2
VBAT_TRACK
Threshold Battery Tracking Enable
0x1
R/W
0
Limiter Attack Threshold Fixed
1
Limiter Attack Threshold Varies or gain reduction with Battery Voltage
[1:0]
LIM_EN
Limiter or Mute mode Enable
0x0
R/W
00
Limiter and mute mode Off
01
Limiter On
10
Output will mute if VBAT is below VBAT_INF
11
Limiter On but will only engage if VBAT is below VBAT_INF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com