Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 19Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 20Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
SSM4567
Data Sheet
Rev. 0 | Page 23 of 52
Table 16. List of Abbreviations Used in I2C Timing Figures, Figure 46 to Figure 49
Symbol
Meaning
S
Start bit
P
Stop bit
AM
Acknowledge by master
AS
Acknowledge by slave
Figure 45. I2C Read/Write Timing
Figure 46. Single-Word I2C Write Format
Figure 47. Burst Mode I2C Write Format
Figure 48. Single-Word I2C Read Format
Figure 49. Burst Mode I2C Read Format
Figure 50. TDM Control Format
R/W
SCK
SDA
SDA
(CONTINUED)
SCK
(CONTINUED)
START BY
MASTER
FRAME 1
CHIP ADDRESS BYTE
FRAME 2
CHIP ADDRESS BYTE
FRAME 3
DATA BYTE 1
FRAME 4
DATA BYTE 2
STOP BY
MASTER
ACK
ACK
ACK
ACK
START
BIT
STOP
BIT
R/W
= 0
ACK BY
SLAVE
ACK BY
SLAVE
IC ADDRESS
(7 BITS)
SUBADDRESS
(8 BITS)
DATA BYTE 1
(8 BITS)
S
CHIP ADDRESS, R/W = 0
AS
AS
AS
AS
SUBADDRESS
DATA WORD 1
DATA WORD 2
P
S
CHIP ADDRESS,
R/W = 0
CHIP
ADDRESS,
R/W = 1
AS
SUBADDRESS
AS
S
AS
DATA
BYTE 1
AM
DATA
BYTE N
P
AS
AS
CHIP
ADDRESS,
R/W = 0
AS
AM
S
SUBADDRESS
S
DATA
WORD 1
P
CHIP
ADDRESS,
R/W = 1
AUDIO DATA
CONTROL
ISENSE
VSENSE
CONTROL
VBAT
BCLK
FSYNC
DAC_SDATAI
DAC_SDATAO
24
5
8
8
8
16
16
64 BCLKS
8
R/W
STOP
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com