Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
SSM4567
Data Sheet
Rev. 0 | Page 26 of 52
APPLICATIONS INFORMATION
COMPONENT SELECTION FOR BOOST REGULATORS
Inductor Selection
The inductor is an essential part of the boost regulator. It stores
energy during on time of the low-side power FET in the boost
regulator. It is during this time that the input current is at its
maximum. The maximum input current must be taken into
account to determine the inductor value. The maximum dc
input current (that is, the maximum average inductor current)
can be estimated by using the following equation:
η
V
V
I
I
IN
OUT
MAX
LOAD
IN
1
)
(


where η ≈ 85%.
The desired input and output voltages, the switching frequency,
and the ripple current determine the required inductor value, as
shown in the following equation:
OUT
IN
SW
RIPPLE
IN
OUT
V
V
f
I
V
V
L
1
In general, the ripple current is estimated as 30% of the
maximum dc input current (IIN), so the equation can be
rewritten as follows:
OUT
IN
SW
IN
IN
OUT
V
V
f
I
V
V
L
1
3
.
0
The maximum rated current of the inductor should be greater
than the peak inductor current (IPEAK). If the margin of these
currents is not enough, the inductor may be saturated due to
inductor value degradation, causing it to hit the current limit,
even in a lower load condition than expected.
The peak inductor current can be estimated as following:
IPEAK = IIN +
2
RIPPLE
I
= IIN + 0.15 × IIN = 1.15 × IIN
Another important specification to be considered is the parasitic
series resistance in the inductor: dc resistance (DCR). A larger
DCR may decrease efficiency performance, but a larger inductor
size has smaller DCR; therefore, the tradeoff between available
space on the PCB and device performance should be considered
carefully. The recommended inductors are shown in Table 20.
Output Capacitor Selection
The output capacitor maintains the output voltage and supplies
current to the load while the regulator switch is on. The value
and characteristics of the output capacitor significantly affect
the output voltage ripple and stability of the regulator. Use a low
ESR output capacitor; ceramic dielectric capacitors are preferable.
For very low ESR capacitors, such as ceramic capacitors, the
ripple current due to the capacitance is calculated as follows. In
continuous mode, because the capacitor discharges during the
on time (tON), the charge removed from the capacitor (QC) is the
load current multiplied by the on time.
Therefore, the output voltage ripple (ΔVOUT) is
OUT
ON
L
OUT
C
OUT
C
t
I
C
Q
V
where:
COUT is the output capacitance.
IL is the average inductor current.
Using the duty cycle (D) and switching frequency (fSW), users
can determine the on time by using the following equation:
SW
ON
f
D
t
The input (VIN) and output (VOUT) voltages determine the
switch duty cycle (D) by using the following equation:
OUT
IN
OUT
V
V
V
D
Choose the output capacitor based on the following equation:
OUT
OUT
SW
IN
OUT
L
OUT
V
V
f
V
V
I
C
)
(
The minimum output capacitor required is a 10 μF, X5R capacitor;
however, to maintain stability across the entire operating range
and with component variations, one 22 μF, X5R capacitor is
recommended.
LAYOUT
As output power increases, lay out PCB traces and wires properly
among the amplifier, load, and power supply; a poor layout
increases voltage drops, consequently decreasing efficiency. A
good practice is to use short, wide PCB tracks to decrease
voltage drops and minimize inductance. It is also important to
minimize the use of vias for signal lines with fast edges on the
data transitions. In addition, do not place vias between the
small value decoupling capacitors and the pin. Connect the vias
to the ground or power planes on the far side of the capacitor
from the perspective of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com