Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 46 of 52
LIMITER CONTROL 3 REGISTER
Address: 0x0F, Reset: 0x00, Name: LIMITER_CTRL_3
Table 41. Bit Descriptions for LIMITER_CTRL_3
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R/W
3
TAV
TAV, Detector Time Averaging Filter
0x0
R/W
0
Long RMS average time
1
Short RMS average time
[2:0]
VBAT_HYST
vbat_hyst
0x0
R/W
000
No hysteresis
001
−36 dBV
010
−33 dBV
011
−30 dBV
100
−27 dBV
101
−24 dBV
110
−21 dBV
111
−18 dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com