Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 33Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 34Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 35Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 36Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 37Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 38Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 39Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 40Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 37 of 52
SERIAL AUDIO INTERFACE CONTROL 1 REGISTER
Address: 0x04, Reset: 0x00, Name: SAI_CTRL_1
Table 30. Bit Descriptions for SAI_CTRL_1
Bits
Bit Name
Settings
Description
Reset
Access
7
SAI_DRV
Drive Control for Unused BCLK Cycles
0x0
R/W
0
Unused BCLK cycles on SNS_SDATA are not driven (high-Z)
1
Unused BCLK cycles on SNS_SDATA are driven low
6
BCLK_POL
BCLK Polarity
0x0
R/W
0
Rising Edge of BCLK is used to register SDATA
1
Falling Edge of BCLK is used to register SDATA
[5:4]
TDM_BCLKS
Number of BCLK cycles per chip in TDM Mode. Any number of BCLK cycles per
FSYNC can be used in stereo modes (I2S/left justified) or in TDM mode with only one
chip. When in TDM mode, with multiple chips on the TDM bus, the number of BCLK
cycles per chip must be defined.
0x0
R/W
00
32 BCLK cycles per chip in TDM
01
48 BCLK cycles per chip in TDM
10
64 BCLK cycles per chip in TDM
11
64 BCLK cycles per chip in TDM
3
FSYNC_MODE
FSYNC Mode Control
0x0
R/W
0
Low FSYNC is Left Channel in Stereo Modes or Pulsed FSYNC Mode in TDM Modes
1
High FSYNC is Left Channel in Stereo Modes or 50% FSYNC Mode in TDM Modes
2
SDATA_FMT
Serial Data Format
0x0
R/W
0
I2S/Delay by one from FSYNC edge
1
Left Justified/No delay from FSYNC edge
1
SAI_MODE
Serial Audio Interface Mode Selection
0x0
R/W
0
Stereo Modes (I2S, left justified)
1
TDM/PCM Modes
0
PDM_MODE
PDM Input and Output Mode
0x0
R/W
0
Normal Serial Audio Interface Operation
1
PDM used for input and output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com