Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 50Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 47 of 52
STATUS 1 REGISTER
Address: 0x10, Reset: 0x00, Name: STATUS_1
Table 42. Bit Descriptions for STATUS_1
Bits
Bit Name
Settings
Description
Reset
Access
7
BST_FLT
Boost Fault Status
0x0
R
0
Normal Operation
1
Boost Converter Fault Condition
6
RESERVED
Reserved.
0x0
R
5
LIM_EG
Limiter/Gain Reduction Engaged
0x0
R
0
Normal Operation
1
Limiter or Gain Reduction has Reduced Gain
4
CLIP
Clip Detector
0x0
R
0
Normal Operation
1
Amplifier Clipping Detected
3
UVLO
Under Voltage Fault Status
0x0
R
0
Normal Operation
1
Under Voltage Fault
2
AMP_OC
Amplifier Overcurrent Fault Status
0x0
R
0
Normal Operation
1
Amp Overcurrent Fault Condition
1
OTF
Over Temperature Fault Status
0x0
R
0
Normal Operation
1
Over Temperature Fault Condition
0
BAT_WARN
Battery Voltage Warning
0x0
R
0
Battery Voltage above VBAT_INF
1
Battery Voltage at or below VBAT_INF
STATUS 2 REGISTER
Address: 0x11, Reset: 0x00, Name: STATUS_2
Table 43. Bit Descriptions for STATUS_2
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
OTW
Overtemperature Warning Status
0x0
R
0
Normal Operation
1
Overtemperature Warning Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com