Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 39Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 40Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 41Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 43 of 52
SERIAL AUDIO INTERFACE PLACEMENT 5 CONTROL REGISTER
Address: 0x0A, Reset: 0x07, Name: SAI_PLACEMENT_5
Table 36. Bit Descriptions for SAI_PLACEMENT_5
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R/W
[2:0]
P5_SNS
Placement 5 or L3 (Left 3) Control for Sense Output
0x7
R/W
000
16-Bit Voltage Output
001
16-Bit Current Output
010
8-Bit Battery Voltage Output Unsigned
011
8-Bit Control Data Output
100
Alternating 16-Bit Voltage and Current
101
8-Bit Status Output
110
8-Bit V/I Marker and Slot ID
111
Blank 8 Bits
SERIAL AUDIO INTERFACE PLACEMENT 6 CONTROL REGISTER
Address: 0x0B, Reset: 0x07, Name: SAI_PLACEMENT_6
Table 37. Bit Descriptions for SAI_PLACEMENT_6
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R/W
[2:0]
P6_SNS
Placement 6 or R3 (Right 3) Control for Sense Output
0x7
R/W
000
16-Bit Voltage Output
001
16-Bit Current Output
010
8-Bit Battery Voltage Output Unsigned
011
8-Bit Control Data Output
100
Alternating 16-Bit Voltage and Current
101
8-Bit Status Output
110
8-Bit V/I Marker and Slot ID
111
Blank 8 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com