Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 31Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 32Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 33Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 34Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 35Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 32 of 52
REGISTER SUMMARY
Table 25. REG_MAP Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
POWER_CTRL
[7:0]
APWDN_EN
BSNS_
PWDN
VSNS_
PWDN
ISNS_
PWDN
BOOST_
PWDN
AMP_
PWDN
VBAT_
ONLY
SPWDN
0x81
R/W
0x01
AMP_SNS_CTRL
[7:0]
RESERVED
SNS_FS
SNS_HPF
EDGES
RESERVED
ANA_GAIN
0x09
R/W
0x02
DAC_CTRL
[7:0]
DAC_HV
DAC_MUTE
DAC_HPF
DAC_LPM
RESERVED
DAC_FS
0x32
R/W
0x03
DAC_VOLUME
[7:0]
VOL
0x40
R/W
0x04
SAI_CTRL_1
[7:0]
SAI_DRV
BCLK_POL
TDM_BCLKS
FSYNC_
MODE
SDATA_
FMT
SAI_MODE
PDM_MODE
0x00
R/W
0x05
SAI_CTRL_2
[7:0]
RESERVED
PAD_DRV
AUTO_SAI
MC_I2S
AUTO_
SLOT
TDM_SLOT
0x08
R/W
0x06
SAI_PLACEMENT_
1
[7:0]
RESERVED
P1_DAC
RESERVED
P1_SNS
0x01
R/W
0x07
SAI_PLACEMENT_
2
[7:0]
RESERVED
P2_DAC
RESERVED
P2_SNS
0x20
R/W
0x08
SAI_PLACEMENT_
3
[7:0]
RESERVED
P3_DAC
RESERVED
P3_SNS
0x32
R/W
0x09
SAI_PLACEMENT_
4
[7:0]
RESERVED
P4_DAC
RESERVED
P4_SNS
0x07
R/W
0x0A
SAI_PLACEMENT_
5
[7:0]
RESERVED
P5_SNS
0x07
R/W
0x0B
SAI_PLACEMENT_
6
[7:0]
RESERVED
P6_SNS
0x07
R/W
0x0C
BATTERY_V_OUT
[7:0]
VBAT
0x00
R
0x0D
LIMITER_CTRL_1
[7:0]
SLOPE
VBAT_INF
VBAT_
TRACK
LIM_EN
0xA4
R/W
0x0E
LIMITER_CTRL_2
[7:0]
LIM_RRT
LIM_ATR
LIM_THRES
0x73
R/W
0x0F
LIMITER_CTRL_3
[7:0]
RESERVED
TAV
VBAT_HYST
0x00
R/W
0x10
STATUS_1
[7:0]
BST_FLT
RESERVED
LIM_EG
CLIP
UVLO
AMP_OC
OTF
BAT_WARN
0x00
R
0x11
STATUS_2
[7:0]
RESERVED
OTW
0x00
R
0x12
FAULT_CTRL
[7:0]
OTW_GAIN
MAX_AR
MRCV
ARCV_UV
ARCV_OT
ARCV_OC
0x30
R/W
0x13
PDM_CTRL
[7:0]
PDM_LR_
SEL
PAT_CTRL_
EN
RESERVED
I2C_ADDR_
SET
LOW_LATENCY
SHARED_
CLOCK
SEL_VBAT
0x40
R/W
0x14
MCLK_RATIO
[7:0]
RESERVED
AMCS
MCS
0x11
R/W
0x15
BOOST_CTRL_1
[7:0]
ADJ_PGATE
RESERVED
EN_DSCGB
FPWMB
SEL_FREQ
0x03
R/W
0x16
BOOST_CTRL_2
[7:0]
RESERVED
ARCV_BST
RESERVED
SEL_GM
0x00
R/W
0xFF
SOFT_RESET
[7:0]
SOFT_RESET
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com