Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4567ACBZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # SSM4567ACBZ-R7
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567ACBZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button SSM4567ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM4567ACBZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 27 of 52
POWER SUPPLY DECOUPLING
To ensure high efficiency, low total harmonic distortion (THD)
and high PSRR, proper power supply decoupling is necessary.
Noise transients on the power supply lines are short duration
voltage spikes. These spikes can contain frequency components
that extend into the hundreds of megahertz. Both the battery
supply and internally generated VBST must be decoupled with a
good quality, low ESL, low ESR capacitor, with a minimum
value of 10 μF. This capacitor bypasses low frequency noises to
the ground plane. For high frequency transient noises, use a 1 μF
capacitor as close as possible to the VBAT and VBST pins of the
device. If possible, avoid vias between the pins of the capacitor
and the pin of the device. Placing the decoupling capacitors as
close as possible to the SSM4567 helps to maintain good
performance.
Table 20. Suggested Inductors
Part No.
Manufacturer
Value (μH)
Rated Current (mA)
DCR (Ω)
Size (mm)
IFSC1008ABER2R2M01
Vishay Dale
2.2
1850
0.09
2.50 × 2.00 × 1.20
IFSC1111ABER2R2M01
Vishay Dale
2.2
1900
0.098
2.90 × 2.90 × 1.20
MAMK2520T2R2M
Taiyo Yuden
2.2
1900
0.117
2.50 × 2.00 × 1.20
L1210R2R2MDWIT
Kemet
2.2
2000
0.08
3.20 × 2.49 × 2.49
LQM2HPN2R2MGHL
Murata
2.2
1500
0.110
2.5 × 2.00 × 0.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com