Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 5Page - STMicroelectronics STV9212 Datasheet HTML 6Page - STMicroelectronics STV9212 Datasheet HTML 7Page - STMicroelectronics STV9212 Datasheet HTML 8Page - STMicroelectronics STV9212 Datasheet HTML 9Page - STMicroelectronics STV9212 Datasheet HTML 10Page - STMicroelectronics STV9212 Datasheet HTML 11Page - STMicroelectronics STV9212 Datasheet HTML 12Page - STMicroelectronics STV9212 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9/34
STV9212
Functional Description
The screen can also be blanked by permanently keeping the On-Screen Display FBLK input signal
at high level. In this case, only the video contents of the three video channels are replaced by “black
level” OSD content insertion (signals on pins OSD1 through OSD3 permanently at low level). Refer
to Section 2.5: OSD Insertion on page 11.
2.3
Contrast Control Stage and Automatic Beam Limiter
The contrast stages are simultaneously controlled on all three RGB channels with high attenuation
matching precision. Refer to electrical specifications for values. See Figure 7: Contrast Control and
Table 4: I²C-Bus Register Map.
The Automatic Beam Limiter (ABL) is an attenuator controlled through the ABL input, independent
of contrast stage attenuation. The operating range is about 2 V (from 3 V to 1 V). A typical
characteristic is shown in Figure 8. Refer to Section 4: Electrical Specifications for specific values.
When not used, the ABL pin is to be connected to VCCA.
Figure 7: Contrast Control
Figure 8: ABL Characteristics
Before contrast stage
After contrast stage
VRef
VRef
Note: CRST I²C-bus field acts equally on all 3 video channels
Video Black Level
Video Black Level
CRST=max
CRST=mid
CRST=min
5
0
-2
-4
-6
-8
-10
-12
-14
-16
Attenuation (dB)
0
VABL (V)
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com