Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 20Page - STMicroelectronics STV9212 Datasheet HTML 21Page - STMicroelectronics STV9212 Datasheet HTML 22Page - STMicroelectronics STV9212 Datasheet HTML 23Page - STMicroelectronics STV9212 Datasheet HTML 24Page - STMicroelectronics STV9212 Datasheet HTML 25Page - STMicroelectronics STV9212 Datasheet HTML 26Page - STMicroelectronics STV9212 Datasheet HTML 27Page - STMicroelectronics STV9212 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Electrical Specifications
STV9212
24/34
4
Electrical Specifications
4.1
Absolute Maximum Ratings
All voltages refer to the GNDA pin.
4.2
Thermal Data
4.3
Static Electrical Characteristics
TAMB = 25°C, VCCA = 5V, and VCCP = 8V, unless otherwise specified. All voltages refer to the GNDA
pin.
Symbol
Parameter
Min.
Max.
Units
VCCA
Supply voltage on VCCA (Pin 7)
TBD
5.5
V
VCCP
Supply voltage on VCCP (Pin 21)
TBD
8.8
V
VIN
Voltage at any pin except video inputs and supply pins
TBD
5.5
V
VI
Voltage at video inputs (Pins 1,3 and 5)
TBD
1.4
V
VESD
ESD susceptibility
Human Body Model (100 pF discharge through 1.5 k
Ω)
TBD
±2
kV
TSTG
Storage Temperature
-40
+150
°C
TOPER
Operating Junction Temperature
-40
+150
°C
Symbol
Parameter
Min.
Typ.
Max.
Units
RthJA
Junction-to-Ambient Thermal Resistance
60
°C/W
TAMB
Operating Ambient Temperature
0
70
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Supply
VCCA
Supply Voltage
Pin 7
4.5
5
5.5
V
VCCP
Power Stage Supply Voltage
Pin 21
4.5
8
8.8
V
VCCPS
Power Supply Voltage Stand-by
Threshold
Pin 21
2.5
3.0
3.5
V
ICCA
VCCA Supply Current
VCCA = 5V (PBGEN Disable)
VCCA = 5V (PBGEN Enable)
65
85
mA
mA
ICCP
VCCP Supply Current
VCCP = 8V
50
mA
IS
Total Supply Current in Stand-by Mode
Pin 21 and pin 7
6
mA
Inputs and Outputs
VI
Video Input voltage amplitude
0.7
1
V
VO
Output voltage swing
0.5(
1)
VCCP
-0.5V
V
VIL
Low level input voltage (TTL)
OSD, FBLK, PB, HS,BLK
0.8
V
VIH
High level input voltage (TTL)
OSD, FBLK, PB, HS,BLK
2.4
V
IIL
BLK input current
BLK
-0.1
+1.0
mA
IIN
Input current
OSD, FBLK, PB
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com