Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 8Page - STMicroelectronics STV9212 Datasheet HTML 9Page - STMicroelectronics STV9212 Datasheet HTML 10Page - STMicroelectronics STV9212 Datasheet HTML 11Page - STMicroelectronics STV9212 Datasheet HTML 12Page - STMicroelectronics STV9212 Datasheet HTML 13Page - STMicroelectronics STV9212 Datasheet HTML 14Page - STMicroelectronics STV9212 Datasheet HTML 15Page - STMicroelectronics STV9212 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Functional Description
STV9212
12/34
2.7
Video Insertion Pulse
The Video Insertion Pulse (VIP) creates an indent on the three video signals, timed with the positive
part of the BLKI signal. (See Section 2.2: Video Blanking on page 8). As its level is below the video
black level, it introduces a video “infra-black” level. The video infra-black level position versus
ground is then controlled in subsequent stages. In the absence of the blanking pulse on pin BLK,
the VIP is not inserted and the subsequent stages control the position of video black level.
Figure 12 shows the signal before and after insertion of the VIP. Two different VIP values are
programmable by bit
VIP. Refer to Section 4: Electrical Specifications for values.
2.8
Output Stage
The output stage consists of an output clamp and a buffer. If a reduced output video amplitude and/
or a reduced infra-black level range is sufficient in the application, the VCCP can be lowered to 5V.
Figure 11: Drive Control
Figure 12: VIP Insertion
Before Drive Stage
After Drive Stage
VRef
VRef
One I²C-bus register
DRIVEx (x=1, 2 or 3)
per video channel
Video Black Level
Video Black Level
DRIVEx=max
DRIVEx=mid
DRIVEx=min
VIP insertion
Video before
BLKI signal
Video Black Level
VRef
VIP insertion
Video after
Video Black Level
VRef
VVIP
VRef+VVIP
Video Infra-black Level
Note: Identical for video channels 1, 2 and 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com