Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 26Page - STMicroelectronics STV9212 Datasheet HTML 27Page - STMicroelectronics STV9212 Datasheet HTML 28Page - STMicroelectronics STV9212 Datasheet HTML 29Page - STMicroelectronics STV9212 Datasheet HTML 30Page - STMicroelectronics STV9212 Datasheet HTML 31Page - STMicroelectronics STV9212 Datasheet HTML 32Page - STMicroelectronics STV9212 Datasheet HTML 33Page - STMicroelectronics STV9212 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Package Mechanical Data
STV9212
30/34
6
Package Mechanical Data
Figure 21: 24-Pin Plastic Dual In-Line Package, Shrink 300-mil Width
Table 5: Package Dimensions
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.08
0.200
A1
0.51
0.020
A2
3.05
3.30
4.57
0.120
0.130
0.180
b
0.38
0.46
0.56
0.015
0.018
0.022
b2
0.89
1.02
1.14
0.035
0.040
0.045
c
0.23
0.25
0.38
0.009
0.010
0.015
D
22.35
22.61
22.86
0.880
0.890
0.900
E
7.62
8.64
0.300
0.340
E1
6.10
6.40
6.86
0.240
0.252
0.270
e
1.78
0.070
eA
7.62
0.300
eB
10.92
0.430
eC
0.00
1.52
0.000
0.060
L
2.54
3.30
3.81
0.100
0.130
0.150
Number of Pins
N24
Stand-off
be
b2
D
13
12
24
1
eA
c
E1
E
eB
eB
eC
E
L
A
A2
A1
E1
0.015 in.
0.38 mm.
Gage Plane
0.015 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com