Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 11Page - STMicroelectronics STV9212 Datasheet HTML 12Page - STMicroelectronics STV9212 Datasheet HTML 13Page - STMicroelectronics STV9212 Datasheet HTML 14Page - STMicroelectronics STV9212 Datasheet HTML 15Page - STMicroelectronics STV9212 Datasheet HTML 16Page - STMicroelectronics STV9212 Datasheet HTML 17Page - STMicroelectronics STV9212 Datasheet HTML 18Page - STMicroelectronics STV9212 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15/34
STV9212
Functional Description
2.9
Output Infra-black Level, Cut-off and Brightness
The schematic diagram of these functions is shown in Figure 14.
2.9.1
Output Infra-black Level
The infra-black level of the video signal at the video outputs OUT1, OUT2 and OUT3 is positioned
to the Vib reference by the output clamp circuit, thus defining the Output infra-black level. If the
output clamp circuit is furnished with a correctly timed OCP (see corresponding sections), the
output infra-black level equals Vib. Vib is composed of a fixed DC voltage (Vibmin), a variable DC
voltage (Vibof) applied on all three channels and a per-channel variable DC voltage (Vibl (1,2,3)) as
shown in Figure 15. In AC-coupling mode (bit
MOD = 1), the Vibl part is suppressed and the Vib is
therefore equal on all three channels, only varying with bits
IBOF[5:0] acting on Vibof. This can be
used to match the device’s outputs to the input of the video amplifier used (biasing). In DC-coupling
mode (bit
MOD = 0), Vibl (1,2,3) are separately set via bits IBL1[7:0], IBL2[7:0] and IBL3[7:0],
respectively. This serves to adjust the cut-off points of the three CRT cathodes. In this case, Vibof
can serve to pre-position the cut-off ranges in the factory adjustment procedure or/and to provide a
rough brightness control.
Figure 14: Cut-off and Brightness Control Block Diagram
DC
AC:1
DC:0
MOD
Output stage
Vibmin
ViblDC
Cut-off
Cut-off
Cut-off
IBLRG
Brightness
range
range
range
IBOF
1 for 3 channels
1 for 3 channels
1 per channel
Channel 3
BRIG
CO1
OUT1
Vib
DC
DC:0
AC:1
Vib
VRef
VCOmin
Note: Identical for CO1, CO2 and CO3 outputs except for “brightness” (VbriDC) that is only output at CO3 while MOD=0.
ViblAC
VbriAC
VbriDC
The switches are drawn in their default positions.
VCO
GND
BRIGRG
I²C-bus field
IBL1
IBL2
IBL3
VCO
VCOmax
VCOmin
MOD=1 MOD=0
Video DC level
Only
~40k
Ω
OUT2
OUT3
CO2
CO3
ViblAC
VbriAC
VbriDC
~0V*
Ch3 Ch1
Ch2
* ~0V when the output is left open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com