Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 14Page - STMicroelectronics STV9212 Datasheet HTML 15Page - STMicroelectronics STV9212 Datasheet HTML 16Page - STMicroelectronics STV9212 Datasheet HTML 17Page - STMicroelectronics STV9212 Datasheet HTML 18Page - STMicroelectronics STV9212 Datasheet HTML 19Page - STMicroelectronics STV9212 Datasheet HTML 20Page - STMicroelectronics STV9212 Datasheet HTML 21Page - STMicroelectronics STV9212 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Functional Description
STV9212
18/34
2.10
Signal Waveforms
Figure 18 gives a summary of main signals waveforms.
2.11
Miscellaneous
2.11.1 Stand-by Mode
The device is set in Stand-by mode either by means of bit
PASTBY or by lowering the VCCP supply
voltage below the VCCPS threshold. Once in Stand-by mode, the device does not process the video
signal and its power consumption is significantly reduced. The I²C-bus interface remains
operational. A low level is forced on the AMPCTL output. Refer to Section 4: Electrical
Specifications for values.
2.11.2 AMPCTL Output
The AMPCTL is designed to control a video power amplifier. It provides a three-level logical signal
that depends on bits
ASTBY and ABLEN, as well as on the operating mode (stand-by / normal) of
the device. Figure 19 gives all possible states of the AMPCTL output. Refer to Section 4: Electrical
Specifications for electrical parameter values. Pin AMPCTL is of push-pull type. It must not directly
Figure 18: Signal Waveforms
HS
ICP
BLKI
Video input
FBLK
OSD input
Video output
Black-level
Infra-black
OCP
level
IN1 (2,3)
OSD1 (2,3)
OUT1 (2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com