Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 18Page - STMicroelectronics STV9212 Datasheet HTML 19Page - STMicroelectronics STV9212 Datasheet HTML 20Page - STMicroelectronics STV9212 Datasheet HTML 21Page - STMicroelectronics STV9212 Datasheet HTML 22Page - STMicroelectronics STV9212 Datasheet HTML 23Page - STMicroelectronics STV9212 Datasheet HTML 24Page - STMicroelectronics STV9212 Datasheet HTML 25Page - STMicroelectronics STV9212 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
I²C-Bus Interface Specifications
STV9212
22/34
Bits[6:5] = Test mode activation for device testing in
fabrication. When performing software
blanking through
SWBLK bit, TST1 bit
must be set to 1.
0: Normal operation mode (Default)
1: Test mode
Bits[4,0] = Blanking and clamping pulse source.
Bits[3:2] = Width of ICP pulse when bit
BCSC1 is 0.
Bit 1 = When HS pin is selected to trigger the ICP
pulse generator.
0: Trailing edge of HS pulse (Default)
1: Leading edge of HS pulse
When BLK pin is selected to trigger the ICP pulse
generator:
Refer to
BLKPOL bit description.
Sad09
Read/Write
Reset Value: 0001 0000 (10h)
Bit 7 = Amplifier standby selection.
0: Normal (default)
1: Standby
Bit 6 = Amplifier blanking enable. The bit is “don’t
care” whenever bit
ASTBY is in Standby
position.
0: Blanking pulse not generated (default)
1: Blanking pulse generated
Bit 5 = Reserved.
Bit 4 = Test mode activation for device testing in
fabrication.
0: Test mode
1: Normal operation mode (Default)
Bit 3 = Reserved.
Bit 2 = Application mode selection.
0: Application with DC-coupled cathodes.
(Default)
1: Application with AC-coupled cathodes.
Bit 1 = Permanent blanking of video channels
through software.
0: Disable, blanking gated with signal on
BLK pin. (Default)
1: Permanent blanking. Bit
TST1 must
also be set to 1.
Bit 0 = Blanking signal (H-fly back) polarity
inversion. For correct operation, the
internal BLKI pulse after this controlled
inversion must be positive.
0: Non Inverted, good for positive blanking
pulse (Default)
1: Inverted, good for negative blanking
pulse
Sad0A, Sad0B and Sad0C
Read/Write
Reset Value: 1000 0000 (80h)
Bits[7:0] = Infra-black (Cut-off) Level Control,
Channels 1 to 3
(IBLx)
In DC-coupling mode, the register controls
the pedestal of corresponding video
channel signal.
In AC-coupling mode, the register controls
the level on outputs CO1, CO2 or CO3,
respectively.
Sad0D
Read/Write
Reset Value: 0000 1000 (08h)
Bit 7 = Preamplifier and Amplifier STandBY
selection
0: Normal (default)
1: Standby
Bit 6 = Reserved.
BCSC1
BCSC0
Selected Source
0
0
HS pin trigger (Default)
0
1
BLK pin trigger
1
Don’t care
HS pin pulse
BCWDTH
BCPC Width
0
0
0.33 µs
0
1
0.66 µs (Default)
10
1 µs
1
1
1.33 µs
BCEDGE
BLKPOL
Trigger on BLK
0
0
Rising edge (default)
0
1
Falling edge
1
0
Falling edge
1
1
Rising edge
70
ASTB
Y
ABLE
N
TST2
MOD
SWBL
K
BLKP
OL
70
IBL1[7:0]
IBL2[7:0]
IBL3[7:0]
70
PAST
BY
TST[4:3]
BW[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com