Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 19Page - STMicroelectronics STV9212 Datasheet HTML 20Page - STMicroelectronics STV9212 Datasheet HTML 21Page - STMicroelectronics STV9212 Datasheet HTML 22Page - STMicroelectronics STV9212 Datasheet HTML 23Page - STMicroelectronics STV9212 Datasheet HTML 24Page - STMicroelectronics STV9212 Datasheet HTML 25Page - STMicroelectronics STV9212 Datasheet HTML 26Page - STMicroelectronics STV9212 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
23/34
STV9212
I²C-Bus Interface Specifications
Bits[5:4] = Test mode activation bits for device
testing in fabrication.
0: Normal operation mode (Default)
1: Test mode
Bits[3:0] = Internal band width limitation control.
Refer to electrical characteristics.
Sad0E
Read/Write
Reset Value: 1100 0001 (C1h)
Bit 7 = Video Insertion Pulse depth.
0: 0.2V
1: 0.4V (default)
Bits[6:1] = Infra-black level offset control
simultaneously on all three video
channels.
Bit 0 = Control range of infra-black level
adjustments via
IBL1, IBL2 and IBL3
registers. Acts either on video signal
channels or CO1, CO2, CO3 outputs.
Refer to electrical characteristics.
0: Wide
1: Narrow (default)
Sad0F
Read/Write
Reset Value: 0000 1001 (09h)
Bit 7 = PictureBooST General Enable.
(PBGEN)
0: Disable, function inhibited (Default)
1: Enable, function active
Bit 6 = PictureBooST Insertion Control.
(PBINS)
0: PB pin insertion (Default)
1: Permanent insertion regardless of
signal on PB pin
Bit 5 = Reserved.
Bits[4:3] = PictureBooST Contrast Control
(PBCRST)
Bit 2 = Reserved.
Bits[1:0] = PictureBooST Brightness Control
(PBBRIG)
Sad10
Read/Write
Reset Value: 0010 1000 (28h)
Bit 7 = PictureBooST vivacity and brightness
enable.
0: Disable (default)
1: Enable
Bits[6:5] = PictureBooST Vivacity Amplitude
Control.
Bit 4 = Reserved.
Bits[3:1] = PictureBooST Vivacity Time Constant
Control.
Bit 0 = Reserved.
70
VIP
IBOF[5:0]
IBLR
G
70
PBGE
N
PBIN
S
PBCRST[1:0]
PBBRIG[1:0]
70
PBVIV
EN
PBVIVAM[1:0]
PBVIVTC[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com