Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 25Page - STMicroelectronics STV9212 Datasheet HTML 26Page - STMicroelectronics STV9212 Datasheet HTML 27Page - STMicroelectronics STV9212 Datasheet HTML 28Page - STMicroelectronics STV9212 Datasheet HTML 29Page - STMicroelectronics STV9212 Datasheet HTML 30Page - STMicroelectronics STV9212 Datasheet HTML 31Page - STMicroelectronics STV9212 Datasheet HTML 32Page - STMicroelectronics STV9212 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
29/34
STV9212
Soldering Information
5
Soldering Information
The device can be soldered by wave, dipping or manually. Wave soldering is the preferred method
for mounting through-hole mount IC packages on a printed-circuit board.
Soldering by dipping or by solder wave
The maximum permissible temperature of the solder is 260
°C; solder at this temperature must not
be in contact with the joints for more than 5 seconds.The total contact time of successive solder
waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the
temperature of the plastic body must not exceed the specified maximum storage temperature
(TSTG[max]). If the printed-circuit board has been pre-heated, forced cooling may be necessary
immediately after soldering to keep the temperature within the permissible limit.
Manual soldering
Apply the soldering iron (24 V or less) to the lead(s) of the package, either below the seating plane
or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300
°C it may
remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400
°C, contact
may last up to 5 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com