Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 7Page - STMicroelectronics STV9212 Datasheet HTML 8Page - STMicroelectronics STV9212 Datasheet HTML 9Page - STMicroelectronics STV9212 Datasheet HTML 10Page - STMicroelectronics STV9212 Datasheet HTML 11Page - STMicroelectronics STV9212 Datasheet HTML 12Page - STMicroelectronics STV9212 Datasheet HTML 13Page - STMicroelectronics STV9212 Datasheet HTML 14Page - STMicroelectronics STV9212 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11/34
STV9212
Functional Description
2.5
OSD Insertion
The On-Screen Display (OSD) is inserted with a high level on the FBLK input (TTL). The device
acts as follows:
q
The three RGB video input signals (IN1, IN2, IN3) are internally blanked, i.e. put at the black
level.
q
Binary levels (TTL) on inputs OSD1, OSD2 and OSD3, after processing in the OSD contrast
stage, are added to the corresponding blanked video channels.
In this way, the OSD contents replace the video contents where the FBLK input is high. See
Figure 2 and Figure 10.
The OSD is inserted after the PictureBooST
™ block and before the Drive block. As a consequence,
OSD insertion overlaps all video contents, including the PictureBooST
™-ed zones. Color
temperature adjustments by means of the I²C-bus Drive registers act in the OSD insets.
The OSD contrast stage allows the adjustment of the level of OSD insets simultaneously on the
three OSD channels and independently of the video contrast adjustment. Refer to
Section 4: Electrical Specifications for values.
2.6
Drive Stage
The Drive stage is a set of three attenuators separately controlled via three I²C-bus registers,
DRIVE1, DRIVE2 and DRIVE3. It affects all signals, ordinary video, PictureBooST
™ processed
video and OSD insets. It is designed to compensate for differences in gain of the three CRT
cathodes. See Figure 11 and for values, refer to Section 4: Electrical Specifications.
Figure 10: OSD Insertion
OSD insertion
FBLK
OSD1(2,3)
min.
max
Video Black Level
mid
VOSD
Video before
OSDCRST
OSD insertion
Video after
VRef
Video Black Level
VRef
Note: The OSDCRST I²C-bus field acts equally on all 3 OSD channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com