Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 17Page - STMicroelectronics STV9212 Datasheet HTML 18Page - STMicroelectronics STV9212 Datasheet HTML 19Page - STMicroelectronics STV9212 Datasheet HTML 20Page - STMicroelectronics STV9212 Datasheet HTML 21Page - STMicroelectronics STV9212 Datasheet HTML 22Page - STMicroelectronics STV9212 Datasheet HTML 23Page - STMicroelectronics STV9212 Datasheet HTML 24Page - STMicroelectronics STV9212 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21/34
STV9212
I²C-Bus Interface Specifications
3.1
I²C-bus Register Descriptions
Sad01
Read/Write
Reset Value: 1000 0000 (80h)
Values 00 and 7Fh in field
CRST[6:0] are
prohibited.
Bits[7:1] = Contrast Adjustment (
CRST)
Bit 0 = Reserved
Sad02
Read/Write
Reset Value: 1000 0000 (80h)
Bits[7:0] = Brightness Adjustment
(BRIG)
In AC mode, this value is added to infra-
black levels and output on pins CO1, CO2
and CO3.
In DC mode, it is output all alone on pin
CO3.
Sad03
Read/Write
Reset Value: 1000 0000 (80h)
Values 00 and 7Fh in field
DRIVE1[6:0] are
prohibited.
Bits[7:1] = Gain Adjustment on Channel 1
(
DRIVE1)
Bit 0 = Reserved
Sad04
Read/Write
Reset Value: 1000 0000 (80h)
Values 00 and 7Fh in field
DRIVE2[6:0] are
prohibited.
Bits[7:1] = Gain Adjustment on Channel 2
(
DRIVE2)
Bit 0 = Reserved
Sad05
Read/Write
Reset Value: 1000 0000 (80h)
Values 00 and 7Fh in field
DRIVE3[6:0] are
prohibited.
Bits[7:1] = Gain Adjustment on Channel 3
(
DRIVE3)
Bit 0 = Reserved.
Sad06
Read/Write
Reset Value: 0000 0001 (01h)
Bits[7:2] = Reserved.
Bits[1:0]= Brightness Adjustment Range
(BRIGRG)
Four positions. See Section 4.4: Dynamic
Electrical Characteristics.
Sad07
Read/Write
Reset Value: 0000 1001 (09h)
Bits[7:4] = Reserved.
Bits[3:0]= OSD Contrast Adjustment
Sad08
Read/Write
Reset Value: 0000 0100 (04h)
Bit 7 = Output clamping pulse selection
0: Pulse triggered by BLK input (default)
1: Internal ICP pulse
70
CRST[6:0]
70
BRIG[7:0]
70
DRIVE1[6:0]
70
DRIVE2[6:0]
70
DRIVE3[6:0]
70
BRIGRG
[1:0]
70
OSDCRST[3:0]
70
OCPT
G
TST[1:0]
BCSC
1
BCWDTH[1:0]
BCED
GE
BCSC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com