Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 12Page - STMicroelectronics STV9212 Datasheet HTML 13Page - STMicroelectronics STV9212 Datasheet HTML 14Page - STMicroelectronics STV9212 Datasheet HTML 15Page - STMicroelectronics STV9212 Datasheet HTML 16Page - STMicroelectronics STV9212 Datasheet HTML 17Page - STMicroelectronics STV9212 Datasheet HTML 18Page - STMicroelectronics STV9212 Datasheet HTML 19Page - STMicroelectronics STV9212 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Functional Description
STV9212
16/34
2.9.2
Cut-off and Brightness Control Outputs
Outputs CO1, CO2 and CO3 provide a DC voltage controlled via bits
BRIG[7:0], IBLx[7:0],
IBLRG[7:0], BRIGRG[1:0] and MOD[7:0]. The principal of operation is shown in Figure 14.
When bit
MOD is in position AC (= 1), the output voltage is a sum of the “brightness” VbriAC, “cut-off”
ViblAC and a fixed VCOmin providing a bottom limitation. The brightness adjustment is equally
applied to all three CO1, CO2 and CO3 outputs. It varies depending on bits
BRIG[7:0] and
BRIGRG[1:0], with bits BRIGRG[1:0] controlling the range of BRIG adjustment. The cut-off
adjustment is separate for each channel, having one I²C-bus field per channel:
IBL1, IBL2 and IBL3.
The ratio between the brightness and cut-off ranges depends on the brightness range selection.
See Figure 16.
When bit
MOD is in position DC (= 0), the output voltage on CO3 output is a sum of the “brightness”
VbriDC and a fixed VCOmin providing a pedestal. Outputs CO1 and CO2 are floating with internal
Figure 15: Output Infra-black Level
Figure 16: CO1, CO2 and CO3 Outputs while MOD = 1
OUT1
22
18
20
OUT2
OUT3
19
black
infra-black
Vib(1)
Vib(2)
Vib(3)
Vibmin
Vibmin
Vibmin
Vibof
Vibof
Vibof
Vibl(1)
Vibl(2)
Vibl(3)
DC: differential cut-off
I²C:
IBL1, IBL2, IBL3
DC: common cut-off/brightness
AC: video amp. biasing
I²C:
IBOF
fixed DC
AC: Vibl(1,2,3) = 0V
Channel 1
Channel 2
Channel 3
GNDP
CO1
17
15
16
CO2
CO3
19
VCO(1)
VCO(2)
VCO(3)
VCOmin
VCOmin
VCOmin
VbriAC
VbriAC
VbriAC
ViblAC(1)
ViblAC(2)
ViblAC(3)
I²C:
IBL1, IBL2, IBL3
brightness through cathods
I²C:
BRIG
fixed DC
cut-off
Channel 1
Channel 2
Channel 3
GNDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com