Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 9Page - STMicroelectronics STV9212 Datasheet HTML 10Page - STMicroelectronics STV9212 Datasheet HTML 11Page - STMicroelectronics STV9212 Datasheet HTML 12Page - STMicroelectronics STV9212 Datasheet HTML 13Page - STMicroelectronics STV9212 Datasheet HTML 14Page - STMicroelectronics STV9212 Datasheet HTML 15Page - STMicroelectronics STV9212 Datasheet HTML 16Page - STMicroelectronics STV9212 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13/34
STV9212
Functional Description
Even at 8V of VCCP, care must be taken at device application level to ensure operation without
signal top limitation.
2.8.1
Output Clamp
The DC position of video infra-black and video black levels at the video outputs must be fixed
regardless of video or OSD inset contents, especially in applications where the device’s output
infra-black level determines directly the infra-black level on the CRT cathodes (DC-coupled
applications). This fixing is achieved by means of a fully-integrated output clamp that brings the
output video infra-black level (video black level, in absence of the BLK pulse) to the level of a
variable reference (Vib) as shown in Figure 13. The Vib is described in detail in Section 2.9 on
page 15. The clamp circuit is driven by the Output Clamp Pulse (OCP). For correct operation, this
pulse must entirely fall into the VIP pulse if this is present (clamp of infra-black level) or onto the
video black part (clamp of black level). In the former case, the OCP generator is to be triggered with
the leading edge of the BLK pulse, in the latter case it must copy the ICP pulse. Refer to Figure 3 for
the OCP generation block diagram. Table 3 shows possible OCP timings. Although possible, the
OCP timings, triggered by the BLK trailing edge, are not shown as they have no practical use.
2.8.2
Bandwidth Control
Controlled via bits
BW[3:0], the output stage can limit the rise and fall time of the output signal. The
optimum choice for this adjustment is highly application dependent. Refer to Section 4: Electrical
Specifications for values and to Section 6: Application Hints for practical advice.
2.8.3
Output Buffer
The output buffer provides enough current so that external buffers are not required and the power
amplifier can interface directly to the device’s outputs.
Figure 13: Output Stage
BLKI
output stage
Video before
Output
Note: Identical for video channels 2 and 3.
OCP
OUT1
OCP
22
GND
VRef
Vib
Vib
VCCP
15
+
-
Infra-black Level
Clamp & Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com