Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9212 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV9212
Description  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 23Page - STMicroelectronics STV9212 Datasheet HTML 24Page - STMicroelectronics STV9212 Datasheet HTML 25Page - STMicroelectronics STV9212 Datasheet HTML 26Page - STMicroelectronics STV9212 Datasheet HTML 27Page - STMicroelectronics STV9212 Datasheet HTML 28Page - STMicroelectronics STV9212 Datasheet HTML 29Page - STMicroelectronics STV9212 Datasheet HTML 30Page - STMicroelectronics STV9212 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27/34
STV9212
Electrical Specifications
4.5
I²C-Bus Electrical Characteristics
Tamb = 25° C, VCCA = 5 V, VCCP = 8 V, Vi = 0.7 VPP, CLOAD = 5 pF
4.6
I²C-Bus Interface Timing Requirements
Notes on Electrical Characteristics
Note 1. The video on the preamplifier output must remain above 0.5V even for high frequency signals.
2. Assuming that the video output signal remains inside the linear area of the preamplifier output
(between 0.5V and VCCP - 0.5V).
CT
Crosstalk between Video Outputs
VOUT = 2VPP
f = 10 MHz
f = 50 MHz
TBD
TBD
dB
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
s
VIL
Low Level Input Voltage
On Pins SDA, SCL
1.5
V
VIH
High Level Input Voltage
3
V
IIN
Input Current (Pins SDA, SCL)
0.4 V
< V
IN < 4.5 V
-10
+10
µA
fSCL(Max.)
SCL Maximum Clock Frequency
200
kHz
VOL
Low Level Output Voltage
SDA pin when ACK Sink Current =
6mA
0.6
V
Symbol
Parameter
Min.
Typ.
Max.
Units
tBUF
Time the bus must be free between two accesses
1300
ns
tHDS
Hold Time for Start Condition
600
ns
tSUP
Set-up Time for Stop Condition
600
ns
tLOW
The Low Period of Clock
1300
ns
tHIGH
The High Period of Clock
600
ns
tHDAT
Hold Time Data
300
ns
tSUDAT
Set-up Time Data
250
ns
tr
Rise Time of both SDA and SCL
1
µs
tf
Fall Time of both SDA and SCL
300
ns
Figure 20: I²C-Bus Timing Diagram
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
tHDAT
tSUDAT
tLOW
tHIGH
tHDS
tSUP
tBUF
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com