Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 5Page - STMicroelectronics TDA7411 Datasheet HTML 6Page - STMicroelectronics TDA7411 Datasheet HTML 7Page - STMicroelectronics TDA7411 Datasheet HTML 8Page - STMicroelectronics TDA7411 Datasheet HTML 9Page - STMicroelectronics TDA7411 Datasheet HTML 10Page - STMicroelectronics TDA7411 Datasheet HTML 11Page - STMicroelectronics TDA7411 Datasheet HTML 12Page - STMicroelectronics TDA7411 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9/43
TDA7411
Input stages
In the basic configuration one full differential, one quasi-differential, two single ended stereo, one mono-
differential and two tuner (AM and MPX) inputs are available. In addition the ac coupling input Acin0 can
be used as single ended input for the input multiplexer.
The full-differential input can be switched into quasi-differential mode (see Fig. 2) and the MD single ended
input can be used as mono-differential input (see Fig.1).
Figure 2. Full differential input
AutoZero
In order to reduce the number of pins there is no AC coupling between the In-Gain and the following stage,
so that any offset generated by or before the In-Gain-stage would be transferred or even amplified to the
output. To avoid that effect a special Offset-cancellation-stage called AutoZero is implemented. This stage
is located after the In-Gain-stage to eliminate all offsets generated by the stereo decoder, the Input-Stages
and the In-Gain (Please notice that externally generated offsets, e.g. generated through the leakage cur-
rent of the coupling capacitors, are not canceled).
The auto-zeroing is started every time the DATA-BYTE 0 is selected and takes a time of max. 0.3ms. To
avoid audible clicks the audio processor is muted before the tone control stage during this time.
AutoZero-Remain
In some cases, for example if the µP is executing a refresh cycle of the IIC-Bus-programming, it is not
useful to start a new AutoZero action because no new source is selected and an undesired mute would
appear at the outputs. For such applications the TDA7411 could be switched in the AutoZero-Remain-
Mode (Bit 6 of the sub address byte). If this bit is set to high, the DATABYTE 0 could be loaded without
invoking the AutoZero and the old adjustment-value remains.
Sub Channel Multiplexer
All input stages are available as source in the sub channel multiplexer. The selected source is buffered
and available at the pins SubR, SubL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com