Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 30Page - STMicroelectronics TDA7411 Datasheet HTML 31Page - STMicroelectronics TDA7411 Datasheet HTML 32Page - STMicroelectronics TDA7411 Datasheet HTML 33Page - STMicroelectronics TDA7411 Datasheet HTML 34Page - STMicroelectronics TDA7411 Datasheet HTML 35Page - STMicroelectronics TDA7411 Datasheet HTML 36Page - STMicroelectronics TDA7411 Datasheet HTML 37Page - STMicroelectronics TDA7411 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
TDA7411
34/43
Speaker Attenuators (4-7)
Please refer to Volume Programming.
Soft Mute and Bass Programming (8)
Stereo Decoder (9)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
Not used
Must be “0”
0
0
1
1
0
1
0
1
Mute Time
Mute Time = 0.24ms
Mute Time = 0.48ms
Mute Time = 10.1ms
Mute Time = 20.2ms
1
Not used
Must be “1”
0
0
1
1
1
0
1
0
1
1
Bass Center-Frequency
60 Hz
70 Hz
80 Hz
100 Hz
150 Hz (if Q =2)
0
0
1
1
0
1
0
1
Noise Blanker Time
38µs
25.5µs
32µs
22µs
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
STD Unmuted
STD Muted
0
0
1
1
0
1
0
1
IN-Gain 11 dB
IN-Gain 8.5 dB
IN-Gain 6 dB
IN-Gain 3.5 dB
0
1
Stereo Decoder
Off
On
0
1
Forced MONO
MONO/STEREO switch automatically
0
1
Noise Blanker PEAK charge current low
Noise Blanker PEAK charge current high
0
1
Pilot Threshold HIGH
Pilot Threshold LOW
0
1
Deemphasis 50µs
Deemphasis 75µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com