Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 15Page - STMicroelectronics TDA7411 Datasheet HTML 16Page - STMicroelectronics TDA7411 Datasheet HTML 17Page - STMicroelectronics TDA7411 Datasheet HTML 18Page - STMicroelectronics TDA7411 Datasheet HTML 19Page - STMicroelectronics TDA7411 Datasheet HTML 20Page - STMicroelectronics TDA7411 Datasheet HTML 21Page - STMicroelectronics TDA7411 Datasheet HTML 22Page - STMicroelectronics TDA7411 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
TDA7411
carrier (f = 57kHz, fm = 23Hz AM, m = 60%)
3. SCA ( Subsidiary Communications Authorization ) measured with: 81% mono signal; 9% pilot signal;
fm = 1kHz; 10%SCA - subcarrier ( fs = 67kHz, unmodulated ).
; Fs =(2 x 38kHz) - 67kHz
4. ACI ( Adjacent Channel Interference ):
; Fs = 110kHz - (3 x 38kHz)
; Fs = 186kHz - (5 x 38kHz)
measured with: 90% mono signal; 9% pilot signal; fm =1kHz; 1% spurious signal( fs = 110kHz or 186kHz,
unmodulated).
NOISE BLANKER PART
Features:
– internal 2nd order 140kHz high-pass filter
– programmable trigger threshold
– trigger threshold dependent on high frequency noise with programmable gain
– additional circuits for deviation- and fieldstrength-dependent trigger adjustment
– very low offset current during hold time due to opamps with MOS inputs
– 4 selectable pulse suppression times
– programmable noise rectifier charge/discharge current
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold 0) 1)
meas. with VPEAK = 0.9V
NBT = 111
(c)
30
(c)
mVOP
NBT = 110
(c)
35
(c)
mVOP
NBT = 101
(c)
40
(c)
mVOP
NBT = 100
(c)
45
(c)
mVOP
NBT = 011
(c)
50
(c)
mVOP
NBT = 010
(c)
55
(c)
mVOP
NBT = 001
(c)
60
(c)
mVOP
NBT = 000
(c)
65
(c)
mVOP
VTRNOISE Noise Controlled Trigger
Threshold 2)
meas. with VPEAK = 1.5V
NCT = 00
(c)
260
(c)
mVOP
NCT = 01
(c)
220
(c)
mVOP
NCT = 10
(c)
180
(c)
mVOP
NCT = 11
(c)
140
(c)
mVOP
VRECT
Rectifier Voltage
VMPX = 0mV
NRD 6) = 00
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 200mV; f = 150KHz
3.5
V
α57 V.W > F.
()
V
O sig nal
() at1kHz
()
V
Osp uriou s
() at1kHz 23kHz
±
()
--------------------------------------------------------------------------
=
α67
V
O si gna l
() at1kHz
()
V
O spu riou s
() at9kHz
()
------------------------------------------------------
=
α114
V
O s igna l
() at1kHz
()
V
Osp uriou s
() at4kHz
()
------------------------------------------------------
=
α114
V
O s igna l
() at1kHz
()
V
Osp uriou s
() at4kHz
()
------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com