Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 21Page - STMicroelectronics TDA7411 Datasheet HTML 22Page - STMicroelectronics TDA7411 Datasheet HTML 23Page - STMicroelectronics TDA7411 Datasheet HTML 24Page - STMicroelectronics TDA7411 Datasheet HTML 25Page - STMicroelectronics TDA7411 Datasheet HTML 26Page - STMicroelectronics TDA7411 Datasheet HTML 27Page - STMicroelectronics TDA7411 Datasheet HTML 28Page - STMicroelectronics TDA7411 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
25/43
TDA7411
The gain can be programmed through 4 bits in the "Stereo Decoder Adjustment"-byte. The MONO-voltage
VMO (0dB channel separation) can be chosen selecting VSBL.
All necessary internal reference voltages like REF5V are derived from a bandgap circuit. Therefore they
have a temperature coefficient near zero. This is useful if the fieldstrength signal is also temperature com-
pensated. But most of the IF-devices are applying a LEVEL-voltage with a TC of 3300ppm. The A673 of-
fers this TC for the reference voltages, too. The TC is selectable with bit D7 of the "stereo decoder
adjustment"-byte.
Figure 20. Relation Between Internal and External LEVEL Voltages and Setup of Stereoblend
Highcut Control
The highcut control set-up is similar to the stereoblend control set-up: the starting point VHCH can be set
with 2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be set to be 17, 22, 28 or 33% of
VHCH (see fig. 21).
Figure 21. High cut characteristics
Functional Description of the Noise Blanker
In the automotive environment spikes produced by the ignition and for example the wiper-motor disturb
the MPX-signal. The aim of the noise blanker part is to cancel the audible influence of the spikes. There-
fore the output of the stereo decoder is held at the actual voltage for a time between 22 and 38µs (pro-
grammable). The block diagram of the noise blanker is given in fig.22
INTERNAL
VOLTAGES
t
modAU639
VSBL
REF 5V
SETUP OF VST
INTERNAL
VOLTAGES
t
29%
REF 5V
SETUP OF VMO
LEVEL
LEVEL INTERN
FIELDSTRENGHT VOLTAGE
VST
VMO
LEVEL INTERN
58%
VSBL
VST
VMO
FIELDSTRENGHT VOLTAGE
LOWPASS
TIME CONSTANT
D97AU640
τDeemp
FIELDSTRENGHT
VHCH
VHCL
3
•
τDeemp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com