Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 29Page - STMicroelectronics TDA7411 Datasheet HTML 30Page - STMicroelectronics TDA7411 Datasheet HTML 31Page - STMicroelectronics TDA7411 Datasheet HTML 32Page - STMicroelectronics TDA7411 Datasheet HTML 33Page - STMicroelectronics TDA7411 Datasheet HTML 34Page - STMicroelectronics TDA7411 Datasheet HTML 35Page - STMicroelectronics TDA7411 Datasheet HTML 36Page - STMicroelectronics TDA7411 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33/43
TDA7411
Treble Filter (2)
Bass Filter (3)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Treble Steps
15dB
14dB
:
1 dB
0 dB
0
1
Boost / Cut
Cut
Boost
0
0
1
1
0
1
0
1
Treble Center-frequency
10.0 kHz
12.5 kHz
15.0 kHz
17.5 kHz
1
unused
must be “1”
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Bass Steps
15dB
14dB
:
1 dB
0 dB
0
1
Boost / Cut
Cut
Boost
0
0
1
1
0
1
0
1
Bass Quality Factor
1.00
1.25
1.50
2.00
0
1
DC Mode
Off
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com