Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 19Page - STMicroelectronics TDA7411 Datasheet HTML 20Page - STMicroelectronics TDA7411 Datasheet HTML 21Page - STMicroelectronics TDA7411 Datasheet HTML 22Page - STMicroelectronics TDA7411 Datasheet HTML 23Page - STMicroelectronics TDA7411 Datasheet HTML 24Page - STMicroelectronics TDA7411 Datasheet HTML 25Page - STMicroelectronics TDA7411 Datasheet HTML 26Page - STMicroelectronics TDA7411 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
23/43
TDA7411
FUNCTIONAL DESCRIPTION OF STERO DECODER
Figure 18. Block diagram of the stereo decoder
The stereo decoder-part of the TDA7411 (see Fig. 18) contains all functions necessary to demodulate the
MPX-signal like pilot tone-dependent MONO/STEREO-switching as well as "stereoblend" and "highcut".
Adaptations like programmable input gain, roll-off compensation, selectable deemphasis time constant
and a programmable field strength input allow using different IF-devices.
InGain + Infilter
The InGain stage allows adjusting the MPX-signal to a magnitude of about 1Vrms internally, which is the
recommended value. The 4.th order input filter has a corner frequency of 80kHz and is used to attenuate
spikes and noise and acts as an anti-aliasing filter for the following switch capacitor filters.
Demodulator
In the demodulator block the left and the right channel are separated from the MPX-signal. In this stage
also the 19-kHz pilot tone is canceled. For reaching a high channel separation the TDA7411 offers an I2C-
bus programmable roll-off adjustment, which is able to compensate the low pass behavior of the tuner sec-
tion. If the tuner's attenuation at 38kHz is in a range from 13.8% to 24.6% the A673 needs no external
network in front of the MPX-pin. Within this range an adjustment to obtain at least 40dB channel separation
is possible. The bits for this adjustment are located together with the field strength adjustment in one byte.
This gives the possibility to perform an optimization step during the production of the car radio where the
channel separation and the field strength control are trimmed. The setup of the stereoblend characteris-
tics, which is programmable in a wide range.
Deemphasis and Highcut
The deemphasis low pass allows to choose between a time constant of 50µs and 75µs (bit D7, stereo de-
coder byte). The highcut control range will be in both cases
τHC = 2x τDeemp. Inside the highcut control
range (between VHCH and VHCL) the LEVEL signal is converted into a 5-bit word, which controls the low
pass time constant between
τDeemp...3x τDeemp. Thereby the resolution will remain always 5 bits indepen-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com