Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 32Page - STMicroelectronics TDA7411 Datasheet HTML 33Page - STMicroelectronics TDA7411 Datasheet HTML 34Page - STMicroelectronics TDA7411 Datasheet HTML 35Page - STMicroelectronics TDA7411 Datasheet HTML 36Page - STMicroelectronics TDA7411 Datasheet HTML 37Page - STMicroelectronics TDA7411 Datasheet HTML 38Page - STMicroelectronics TDA7411 Datasheet HTML 39Page - STMicroelectronics TDA7411 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
TDA7411
36/43
Field Strength Control (12)
Configuration (13)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
VSBL at 29% REF5V
VSBL at 33% REF5V
VSBL at 38% REF5V
VSBL at 42% REF5V
VSBL at 46% REF5V
VSBL at 50% REF5V
VSBL at 54% REF5V
VSBL at 58% REF5V
0
0
1
1
0
1
0
1
Noise Blanker Field Strength Adjust 2.3V
Noise Blanker Field Strength Adjust 1.8V
Noise Blanker Field Strength Adjust 1.3V
Noise Blanker Field Strength Adjust OFF
0
0
1
1
0
1
0
1
Quality Detector Coefficient a=0.6
Quality Detector Coefficient a=0.75
Quality Detector Coefficient a=0.9
Quality Detector Coefficient a=1.05
0
1
Multipath Influence on PEAK Discharge
Off
-1 V/ms
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Noise Rectifier Discharge Resistor
R = infinite
RDC = 56k
RDC = 33k
RDC = 18k
0
1
0
1
0
0
1
1
Multipath Detector Band pass Gain
6dB
12dB
16dB
18dB
0
1
Multipath Detector internal influence
ON
OFF
0
1
Multipath Detector Charge Current
0.2µA
0.4µA
0
0
1
1
0
1
0
1
Multipath Detector Rectifier Gain
Gain = 7.6dB
Gain = 4.6dB
Gain = 0dB
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com