Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 23Page - STMicroelectronics TDA7411 Datasheet HTML 24Page - STMicroelectronics TDA7411 Datasheet HTML 25Page - STMicroelectronics TDA7411 Datasheet HTML 26Page - STMicroelectronics TDA7411 Datasheet HTML 27Page - STMicroelectronics TDA7411 Datasheet HTML 28Page - STMicroelectronics TDA7411 Datasheet HTML 29Page - STMicroelectronics TDA7411 Datasheet HTML 30Page - STMicroelectronics TDA7411 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
27/43
TDA7411
ADDITIONAL THRESHOLD CONTROL MECHANISM
Automatic Threshold Control by the Stereoblend voltage
Besides the noise controlled threshold adjustment there is an additional possibility for influencing the trig-
ger threshold. It is depending on the stereoblend control.
The point where the MPX signal starts to become noisy is fixed by the RF part. Therefore also the starting
point of the normal noise-controlled trigger adjustment is fixed (fig. 17). In some cases the behavior of the
noise blanker can be improved by increasing the threshold even in a region of higher fieldstrength. Some-
times a wrong triggering occurs for the MPX signal often shows distortion in this range, which can be
avoided even if using a low threshold. Because of the overlap of this range and the range of the stereo/
mono transition it can be controlled by stereoblend. This threshold increase is programmable in 3 steps
or switched off with bits D0 and D1 of the fieldstrength control-byte.
Over Deviation Detector
If the system is tuned to stations with a high deviation the noise blanker can trigger on the higher frequen-
cies of the modulation. To avoid this wrong behavior, which causes noise in the output signal, the noise
blanker offers a deviation-dependent threshold adjustment. By rectifying the MPX signal a further signal
representing the actual deviation is obtained. It is used to increase the PEAK voltage. Offset and gain of
this circuit are programmable in 3 steps with the bits D6 and D7 of the stereo decoder-byte (the first step
turns off the detector, see fig. 16).
Multipath-Level
To react on high repetitive spikes caused by a Multipath-situation, the discharge-time of the PEAK voltage
can be decreased depending on the voltage-level at Pin MPout. There are two ways to do this. One way
is to switch on the linear influence of the Multipath-Level on the PEAK-signal (D7 of field strength control
byte). In this case the discharge slew rate is 1V/ms1. The second possibility is to activate a function, which
switches to the 18k discharge if the Multipath-Level is below 2.5V (D7 of High-Cut-Control-Byte).
1 The slew rate is measured with RDischarge = infinite and VMPout = 2.5V
Functional Description of the Multipath-Detector
Using the internal Multipath-Detector the audible effects of a multipath condition can be minimized. A mul-
tipath-condition is detected by rectifying the 19kHz spectrum in the fieldstrength signal. An external ca-
pacitor is used to define the attack- and decay-times (see block diagram, fig. 23). The MP_OUT-pin is
used as detector-output connected to a capacitor of about 47nF and additionally the MP_IN-pin is selected
to be the fieldstrength input. Using this configuration an external adaptation to the user's requirement is
possible without affecting the "normal" fieldstrength input (LEVEL) for the stereo decoder. This application
is given in fig. 29.
To keep the old value of the Multipath Detector during an AF-jump, the MP-Hold switch can disconnect
the external capacitor. This switch is controlled directly by the AFS-Pin.
Selecting the "internal influence" in the configuration byte the channel separation is automatically reduced
during a multipath condition according to the voltage appearing at the MP_OUT-pin. A possible application
is shown in fig. 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com