Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 24Page - STMicroelectronics TDA7411 Datasheet HTML 25Page - STMicroelectronics TDA7411 Datasheet HTML 26Page - STMicroelectronics TDA7411 Datasheet HTML 27Page - STMicroelectronics TDA7411 Datasheet HTML 28Page - STMicroelectronics TDA7411 Datasheet HTML 29Page - STMicroelectronics TDA7411 Datasheet HTML 30Page - STMicroelectronics TDA7411 Datasheet HTML 31Page - STMicroelectronics TDA7411 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
TDA7411
28/43
Figure 23. Block Diagram of Multi path Detector
Programming
To obtain a good multipath performance an adaptation is necessary. Therefore the gain of the 19kHz-
bandpass is programmable in four steps as well as the rectifier gain. The attack- and decay-times can be
set by the external capacitor value.
Quality Detector
The A673 offers a quality detector output, which gives a voltage representing the FM-reception conditions.
To calculate this voltage the MPX-noise and the multipath-detector output are summed according to the
following formula:
VQual = 1.6 (VNoise-0.8 V)+ a (REF5V-VMpout).
The noise-signal is the PEAK-signal without additional influences (see noise blanker description). The fac-
tor 'a' can by programmed from 0.6 to 1.05. The output is a low impedance output able to drive external
circuitry as well as simply fed to an AD-converter for RDS applications.
AF Search Control
The TDA7411 is supplied with several functionality to support AF-checks using the stereo decoder. As
mentioned already before the high impedance mute feature avoids any clicks during the jump condition.
It is possible at the same time to evaluate the noise- and multipath-content of the alternate frequency by
using the Quality detector output. Therefore the multipath-detector is switched automatically to a small
time-constant.
One additional pin (AFS) is implemented in order to separate the audio processor-mute and stereo decod-
er AF-functions. In Figure 24 the block diagram and control-functions of the complete AFS-functionality is
shown (please not the pins FAS and SM are active low as well as all control-bits indicated by an over bar).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com