Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 17Page - STMicroelectronics TDA7411 Datasheet HTML 18Page - STMicroelectronics TDA7411 Datasheet HTML 19Page - STMicroelectronics TDA7411 Datasheet HTML 20Page - STMicroelectronics TDA7411 Datasheet HTML 21Page - STMicroelectronics TDA7411 Datasheet HTML 22Page - STMicroelectronics TDA7411 Datasheet HTML 23Page - STMicroelectronics TDA7411 Datasheet HTML 24Page - STMicroelectronics TDA7411 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
TDA7411
Figure 15. Trigger Threshold vs. VPEAK
Figure 16. Deviation Controlled Trigger Adjustment
Figure 17. Field strength Controlled Trigger Adjustment
65mV
30mV
8 STEPS
NOISE CONTROLLED
TRIG. THRESHOLD
MIN. TRIG. THRESHOLD
260mV(00)
220mV(01)
180mV(10)
140mV(11)
0.9V
VTH
1.5V
VPEAK(V)
D97AU648
VPEAK
(VOP)
D97AU649
20
DEVIATION(KHz)
0.9
1.2
2.0
2.8
DETECTOR OFF (11)
32.5
45
75
10
01
00
2.4V(00)
0.9V
VPEAK
E'
D97AU650
1.9V(01)
1.4V(10)
MONO
STEREO
noisy signal
good signal
ATC_SB OFF (11)
NOISE
»3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com