Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 13Page - STMicroelectronics TDA7411 Datasheet HTML 14Page - STMicroelectronics TDA7411 Datasheet HTML 15Page - STMicroelectronics TDA7411 Datasheet HTML 16Page - STMicroelectronics TDA7411 Datasheet HTML 17Page - STMicroelectronics TDA7411 Datasheet HTML 18Page - STMicroelectronics TDA7411 Datasheet HTML 19Page - STMicroelectronics TDA7411 Datasheet HTML 20Page - STMicroelectronics TDA7411 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
17/43
TDA7411
STEREODECODER PART
Features:
– no external components necessary
– PLL with adjustment free, fully integrated VCO
– automatic pilot dependent MONO/STEREO switching
– very high suppression of intermodulation and interference
– programmable Roll-Off compensation
– dedicated RDS-Soft mute
– High cut- and Stereo blend-characteristics programmable in a wide range
– internal Noise blanker with several threshold controls
– alternative frequency search function
– Multipath-detector with programmable internal/external influence
–I2C-bus control of all necessary functions
.
ELECTRICAL CHARACTERISTICS
(VS = 8V; deemphasis time constant = 50µs,VMPX = 500mV(75KHz deviation), fm= 1KHz, Gv = 6dB,
Tamb = 27°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vin
MPX Input Level
Gv = 3.5dB
0.5
1.25
VRMS
Rin
Input Resistance
70
100
130
K
Ω
GMIN
Min. Input Gain
1.5
3.5
4.5
dB
GMAX
Max. Input Gain
8.5
11
12.5
dB
GSTEP
Step Resolution
1.75
2.5
3.25
dB
SVRR
Supply Voltage Ripple Rejection
Vripple = 100mV; f = 1KHz
35
60
dB
α
Max. channel Separation
30
50
dB
THD
Total Harmonic Distortion
0.02
0.3
%
Signal plus Noise to Noise Ratio
A-weighted, S = 2VRMS
80
91
dB
MONO/STEREO-SWITCH
VPTHST1 Pilot Threshold Voltage
for Stereo, PTH = 1
10
15
25
mV
VPTHST0
Pilot Threshold Voltage
for Stereo, PTH = 0
15
25
35
mV
VPTHMO1 Pilot Threshold Voltage
for Mono, PTH = 1
7
12
17
mV
VPTHMO0 Pilot Threshold Voltage
for Mono, PTH = 1
10
19
25
mV
PLL
∆f/f
Capture Range
0.5
%
DEEMPHASIS and HIGHCUT
tHC50
Deemphasis Time Constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCH
25
50
75
µs
tHC75
Deemphasis Time Constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCH
50
75
100
µs
tHC50
Highcut Time Constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCL
100
150
200
µs
tHC75
Highcut Time Constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCL
150
225
300
µs
SN
+
N
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com