Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 16Page - STMicroelectronics TDA7411 Datasheet HTML 17Page - STMicroelectronics TDA7411 Datasheet HTML 18Page - STMicroelectronics TDA7411 Datasheet HTML 19Page - STMicroelectronics TDA7411 Datasheet HTML 20Page - STMicroelectronics TDA7411 Datasheet HTML 21Page - STMicroelectronics TDA7411 Datasheet HTML 22Page - STMicroelectronics TDA7411 Datasheet HTML 23Page - STMicroelectronics TDA7411 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
TDA7411
20/43
(c) = by design/characterization functionally guaranteed through dedicated test mode structure
0) All Thresholds are measured using a pulse with TR =2
µs, THIGH = 2µs and TF = 10µs. The repetition rate must not increase the PEAK
voltage.
Figure 14. Timing
1) NBT represents the Noiseblanker Byte bits D2, D0 for the noise blanker trigger threshold
2) NAT represents the Noiseblanker Byte bit pair D4, D3 for the noise controlled triggeradjustment
3) OVD represents the Noiseblanker Byte bit pair D7, D6 for the over deviation detector
4) FSC represents the Fieldstrength Byte bit pair D1, D0 for the fieldstrength control
5) BLT represents the Speaker RR Byte bit pair D7, D6 for the blanktime adjustment
6) NRD represents the Configuration-Byte bit pair D1, D0 for the noise rectifier discharge-adjustment
7) PCH represents the Stereodecoder-Byte bit D5 for the noise rectifier charge-current adjustment
8) MPNB represents the HighCut-Byte bit D7 and the Fieldstrength-Byte D7 for the noise rectifier multipath adjustment
VRECT DEV deviation dependent
rectifier Voltage 3)
means. with
VMPX = 500mV
(75KHz dev.)
OVD = 11
0.5
0.9(off)
1.3
VOP
OVD = 10
0.9
1.2
1.5
VOP
OVD = 01
1.7
2.0
2.3
VOP
OVD = 00
2.5
2.8
3.1
VOP
VRECT FS Fieldstrength Controlled
Rectifier Voltage 4)
means. with
VMPX = 0mV
VLEVEL << VSBL
(fully mono)
FSC = 11
0.5
0.9(off)
1.3
V
FSC = 10
0.9
1.4
1.5
V
FSC = 01
1.7
1.9
2.3
V
FSC = 00
2.1
2.4
3.1
V
TS
Suppression Pulse
Duration 5)
Signal HOLDNin Testmode
BLT = 00
38
µs
BLT = 10
32
µs
BLT = 01
25.5
µs
BLT = 00
22
µs
VRECTADJ Noise Rectifier discharge
adjustment 6)
Signal PEAK in Testmode
NRD = 00 6)
(c)
0.3
(c)
V/ms
NRD = 01 6)
(c)
0.8
(c)
V/ms
NRD = 10 6)
(c)
1.3
(c)
V/ms
NRD = 11 6)
(c)
2.0
(c)
V/ms
SRPEAK
Noise Rectifier Charge
Signal PEAK in Testmode
PCH = 0 7)
(c)
10
(c)
mV/
µs
PCH = 1 7)
(c)
20
(c)
mV/
µs
VADJMP
Noise Rectifier adjustment
through Multipath 8)
Signal PEAK in Testmode
MPNB = 00 8)
(c)
0.3
(c)
V/ms
MPNB = 01 8)
(c)
0.5
(c)
V/ms
MPNB = 10 8)
(c)
0.7
(c)
V/ms
MPNB = 11 8)
(c)
0.9
(c)
V/ms
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOP
VIN
DC
TR
THIGH
TF
Time
D97AU636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com