Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 22Page - STMicroelectronics TDA7411 Datasheet HTML 23Page - STMicroelectronics TDA7411 Datasheet HTML 24Page - STMicroelectronics TDA7411 Datasheet HTML 25Page - STMicroelectronics TDA7411 Datasheet HTML 26Page - STMicroelectronics TDA7411 Datasheet HTML 27Page - STMicroelectronics TDA7411 Datasheet HTML 28Page - STMicroelectronics TDA7411 Datasheet HTML 29Page - STMicroelectronics TDA7411 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
TDA7411
26/43
Figure 22. Block diagram of the noise blanker
In a first stage the spikes must be detected but to avoid a wrong triggering on high frequency (white) noise
a complex trigger control is implemented. Behind the trigger stage a pulse former generates the "blank-
ing"-pulse. An own biasing circuit supplies the noise blanker in order to avoid any cross talk to the signal
path.
Trigger Path
The incoming MPX signal is high pass filtered, amplified and rectified. This second order high pass filter
has a corner-frequency of 140kHz. The rectified signal, RECT, is low pass filtered to generate a signal
called PEAK. Also noise with a frequency 140kHz increases the PEAK voltage. The resulting voltage can
be adjusted by use of the noise rectifier discharge current. The PEAK voltage is fed to a threshold gener-
ator, which adds to the PEAK-voltage a DC-dependent threshold VTH. Both signals, RECT and
PEAK+VTH are fed to a comparator, which triggers a re-triggerable monoflop. The monoflop's output ac-
tivates the sample-and-hold circuits in the signal path for the selected duration.
Automatic Noise Controlled Threshold Adjustment (ATC)
There are mainly two independent possibilities for programming the trigger threshold:
1. the low threshold in 8 steps (bits D0 to D2 of the noise blanker byte)
2. and the noise adjusted threshold in 4 steps (bits D3 and D4 of the noise blanker-byte, see fig. 15).
The low threshold is active in combination with a good MPX signal without any noise; the PEAK voltage
is less than 1V. The sensitivity in this operation is high.
If the MPX signal is noisy (low fieldstrength) the PEAK voltage increases due to the higher noise, which is
also rectified. With increasing of the PEAK voltage the trigger threshold increases, too. This particular gain
is programmable in 4 steps (see fig. 17).
+
-
RECTIFIER
LOWPASS
RECT
+
+
THRESHOLD
GENERATOR
VTH
PEAK
ADDITIONAL
THRESHOLD
CONTROL
MONOFLOP
HOLDN
MPX
modAU856
MPOUT
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com