Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7411 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7411 Datasheet HTML 31Page - STMicroelectronics TDA7411 Datasheet HTML 32Page - STMicroelectronics TDA7411 Datasheet HTML 33Page - STMicroelectronics TDA7411 Datasheet HTML 34Page - STMicroelectronics TDA7411 Datasheet HTML 35Page - STMicroelectronics TDA7411 Datasheet HTML 36Page - STMicroelectronics TDA7411 Datasheet HTML 37Page - STMicroelectronics TDA7411 Datasheet HTML 38Page - STMicroelectronics TDA7411 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
35/43
TDA7411
Noise Blanker (10)
High-Cut (11)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Low Threshold 65mV
Low Threshold 60mV
Low Threshold 55mV
Low Threshold 50mV
Low Threshold 45mV
Low Threshold 40mV
Low Threshold 35mV
Low Threshold 30mV
0
0
1
1
0
1
0
1
Noise Controlled Threshold 320mV
Noise Controlled Threshold 260mV
Noise Controlled Threshold 200mV
Noise Controlled Threshold 140mV
0
1
Noise Blanker OFF
Noise Blanker ON
0
0
1
1
0
1
0
1
Over Deviation Adjust 2.8V
Over Deviation Adjust 2.0V
Over Deviation Adjust 1.2V
Over Deviation Detector OFF
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
High-Cut OFF
High-Cut ON
0
0
1
1
0
1
0
1
max. High-Cut 2dB
max. High-Cut 5dB
max. High-Cut 7dB
max. High-Cut 10dB
0
0
1
1
0
1
0
1
VHCH at 42% REF5V
VHCH at 50% REF5V
VHCH at 58% REF5V
VHCH at 66% REF5V
0
0
1
1
0
1
0
1
VHCL at 16.7% VHCH
VHCL at 22.2% VHCH
VHCL at 27.8% VHCH
VHCL at 33.3% VHCH
0
1
Strong Multipath Influence on PEAK 18k
Off
On (18k discharge if VMPout< 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com