Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 41 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 41 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 37Page - ON Semiconductor FUSB307BMPX Datasheet HTML 38Page - ON Semiconductor FUSB307BMPX Datasheet HTML 39Page - ON Semiconductor FUSB307BMPX Datasheet HTML 40Page - ON Semiconductor FUSB307BMPX Datasheet HTML 41Page - ON Semiconductor FUSB307BMPX Datasheet HTML 42Page - ON Semiconductor FUSB307BMPX Datasheet HTML 43Page - ON Semiconductor FUSB307BMPX Datasheet HTML 44Page - ON Semiconductor FUSB307BMPX Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
www.onsemi.com
41
Table 43. PWRSTAT
Address: 1Eh
Reset Value: 08h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Power Status Description (Note 32)
7
DEBUG_ACC
R
1
Debug Accessory Attached
0b: No Debug Accessory Connected
1b: Debug Accessory Connected
Reflects the state of the DEBUG_ACC Output if present
6
TCPC_INIT
R
1
FUSB307B Initialization Status
0b: The FUSB307B has completed initialization and all registers are
valid
1b: The FUSB307B is still performing internal initialization.
Registers 00−0Fh are valid
5
SOURCE_HV
R
1
Sourcing High Voltage. See Transition Flow Charts for details.
0b: vsafe5V
1b: High Voltage
4
SOURCE_VBUS
R
1
Sourcing VBUS. Output SRC asserted.
0b: Sourcing VBUS is disabled
1b: Sourcing VBUS is enabled
3
VBUS_VAL_EN
R
1
VBUS_VAL (below) Detection Circuit Status
0b: VBUS_VAL Detection is Disabled
1b: VBUS_VAL Detection is Enabled
2
VBUS_VAL
R
1
VBUS Present
0b: VBUS disconnected (below 3.5 V)
1b: VBUS connected (Above 4.0 V)
1
VCONN_VAL
R
1
VCONN Present
0b: VCONN is not present or PWRCTRL.EN_VCONN is disabled
1b: This bit is asserted when VCONN is present on CC1 or CC2
Threshold is fixed at 2.4 V
0
SNKVBUS
R
1
Sink VBUS. Output SNK asserted.
0b: Sink is disconnected or not supported
1b: FUSB307B has enabled the sink path
32. An event change on this register cause an ALERTL.I_PWRSTAT Interrupt.
Table 44. FAULTSTAT
Address: 1Fh
Reset Value: 0x80
Type: Read/Write 1 to Clear
Bit #
Name
R/W/C
Size (Bits)
Fault Status Interrupt Description (Note 33)
7
ALL_REGS_RESET
Note
R/WC
1
0b: No reset occurred
1b: POR or unexpected power reset occurred
This bit is asserted when the TCPC resets all registers to their de-
fault value. This happens at initial power up or if an unexpected
power reset occurs
6
Reserved
R
1
Reserved: 0b
5
AUTO_DISCH_FAIL
(Note 34)
R/WC
1
0b: No Discharge Failure
1b: VBUS Discharge Failed
Asserts when PWRCTRL.AUTO_DISCH is set and FUSB307B fails
to discharge VBUS to vSafe5V (max.) within tSafe5V or
vSafe0V(max.) within tSafe0V from disconnection is detected
4
FORCE_DISCH_FAIL
R/WC
1
0b: No Discharge Failure
1b: VBUS Discharge Failed
3
Reserved
R
1
Reserved: 0b
2
Reserved
R
1
Reserved: 0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com