Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 16 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 12Page - ON Semiconductor FUSB307BMPX Datasheet HTML 13Page - ON Semiconductor FUSB307BMPX Datasheet HTML 14Page - ON Semiconductor FUSB307BMPX Datasheet HTML 15Page - ON Semiconductor FUSB307BMPX Datasheet HTML 16Page - ON Semiconductor FUSB307BMPX Datasheet HTML 17Page - ON Semiconductor FUSB307BMPX Datasheet HTML 18Page - ON Semiconductor FUSB307BMPX Datasheet HTML 19Page - ON Semiconductor FUSB307BMPX Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
FUSB307B
www.onsemi.com
16
Automatic Sink Discharge after a Disconnect
Automatic discharge can be enabled by setting
PWRCTRL. AUTO_DISCH register bit. When in Sink
mode the FUSB307B will fully discharge VBUS to vSafe5V
(max.) within tSafe5V and to vSafe0V within tSafe0V when
a disconnect occurs. The FUSB307B is in Sink mode any
time MSGHEADR.POWER_ROLE = 0.
Whenever the system is sinking voltages greater than
vSafe5V, a disconnect will be detected based on
VBUS_SNK_DISC registers.
If the system is only sinking vSafe5V, a disconnect will be
detected when VBUS_VAL goes low.
Due to the high capacitance on VBUS (up to 100 F) the
FUSB307B may not immediately know if VBUS has been
removed. The FUSB307B with Automatic Discharge on
will apply RBLEED discharge load to VBUS until it crosses
below VBUS_SNK_DISC.
The FUSB307B has to detect a disconnect within
tDisconnectDetect
(6
ms)
from
VBUS
crossing
VBUS_SNK_DISCL. Once the FUSB307B has detected a
Disconnect, RFULL_DISCH will be enabled bringing the
VBUS voltage down to vSafe0V.
Whenever the FUSB307B detects a Disconnect, it will not
present Rd (or Rp) until VBUS reaches vSafe0V.
When the VBUS voltage goes below vSafe0V, the
auto−discharge circuit will disable.
If the discharge of VBUS to below vSafe0V is not
accomplished by tSafe0V (650 ms), the FUSB307B will set
the interrupt
NOTE:
ALERTL.I_PORT_PWR is asserted if the
bit−wise AND of PWRSTAT and
PWRSTAMSK results in any bits that have the
value 1.
ALERTH.
I_FAULT
bit
and
the
status
FAULTSTAT.DISCH_FAIL. The discharge circuit is not
turned off when this happens.
In tSinkDischargeBleed + tSinkDischargeFull have to be
less than tSafe5V to comply with USB−PD spec.
Figure 15. VBUS Auto Discharge as SinkSource
Cable Disconnect
tSafe5V
tSafe0V
vSafe0V
vSafe5V
time
VBUS
VBUS_SNK_DISC
tSinkDischargeBleed
tSinkDischarge Full
tDisconnectDetect
Apply RFULL_DISCH
RBLEED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com