Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 20 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 20 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 16Page - ON Semiconductor FUSB307BMPX Datasheet HTML 17Page - ON Semiconductor FUSB307BMPX Datasheet HTML 18Page - ON Semiconductor FUSB307BMPX Datasheet HTML 19Page - ON Semiconductor FUSB307BMPX Datasheet HTML 20Page - ON Semiconductor FUSB307BMPX Datasheet HTML 21Page - ON Semiconductor FUSB307BMPX Datasheet HTML 22Page - ON Semiconductor FUSB307BMPX Datasheet HTML 23Page - ON Semiconductor FUSB307BMPX Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
FUSB307B
www.onsemi.com
20
Table 5. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VDDAMR
Supply Voltage from VDD
−0.5
6.0
V
VCC_HDDRP
(Note 6)
CC pins when configured as Host, Device or Dual Role Port
−0.5
6.0
V
VVBUS
VBUS Supply Voltage
−0.5
28.0
V
TSTORAGE
Storage Temperature Range
−65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature (Soldering, 10 seconds)
+260
C
ESD
Human Body Model, JEDEC
JESD22−A114
Connector Pins (VBUS, CCx)
4
kV
Others
2
kV
Charged Device Model,
JEDEC LESD22−C101
All Pins
1
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
6. As host, device drives CC, VConn.
Table 6. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VBUS
VBUS Supply Voltage (Note 7)
4.0
5.0
21.5
V
VDD
VDD Supply Voltage
2.8 (Note 8)
3.3
5.5
V
VCONN
VCONN Supply Voltage (Note 9)
2.7
5.5
V
ICONN
VCONN Supply Current
560
mA
TA
Operating Temperature
−40
+85
C
TA
Operating Temperature (Note 10)
−40
+105
C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
7. 20 V PD + 5% Tolerance per spec + 0.5 V Load Transition.
8. This is for functional operation only and isn’t the lowest limit for all subsequent electrical specifications below. All electrical parameters have
a minimum of 3 V operation.
9. For powered accessories Vconn minimum is 2.7 V.
10. Automotive part only, FUSB307BVMPX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com