Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 32 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 32 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 28Page - ON Semiconductor FUSB307BMPX Datasheet HTML 29Page - ON Semiconductor FUSB307BMPX Datasheet HTML 30Page - ON Semiconductor FUSB307BMPX Datasheet HTML 31Page - ON Semiconductor FUSB307BMPX Datasheet HTML 32Page - ON Semiconductor FUSB307BMPX Datasheet HTML 33Page - ON Semiconductor FUSB307BMPX Datasheet HTML 34Page - ON Semiconductor FUSB307BMPX Datasheet HTML 35Page - ON Semiconductor FUSB307BMPX Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
www.onsemi.com
32
Table 19. VENDIDL
Address: 00h
Reset Value: 0x79
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Vendor ID Low Description
7:0
VENDIDL
R
8
ON Semiconductor Vendor ID Low: 79h
Table 20. VENDIDH
Address: 01h
Reset Value: 0x07
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Vendor ID High Description
7:0
VENDIDH
R
8
ON Semiconductor Vendor ID High: 07h
Table 21. PRODIDL
Address: 02h
Reset Value: See Below
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Product ID Low Description
7:0
PRODIDL
R
8
Product ID Low, FUSB307B: 33h
Table 22. PRODIDH
Address: 03h
Reset Value: 0x01h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Product ID High Description
7:0
PRODIDH
R
8
Product ID High, All: 1h
Table 23. DEVIDL
Address: 04h
Reset Value: 0x02h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device ID Low (Version) Description
7:0
DEVIDL
R
8
Version ID: 02h
A_[Revision ID]: 0x01 (e.g. A_revA)
B_[Revision ID]: 0x02 (e.g. B_revA)
C_[Revision ID]: 0x03 (e.g. C_revA) etc
Table 24. DEVIDH
Address: 05h
Reset Value: 0x02h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device ID High (Revision) Description
7:0
DEVIDH
R
8
Revision ID: 02h
[Version ID]_revA: 0x00 (e.g. A_revA)
[Version ID]_revB: 0x01 (e.g. A_revB)
[Version ID]_revC: 0x02 (e.g. A_revC) etc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com