Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 42 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 42 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 38Page - ON Semiconductor FUSB307BMPX Datasheet HTML 39Page - ON Semiconductor FUSB307BMPX Datasheet HTML 40Page - ON Semiconductor FUSB307BMPX Datasheet HTML 41Page - ON Semiconductor FUSB307BMPX Datasheet HTML 42Page - ON Semiconductor FUSB307BMPX Datasheet HTML 43Page - ON Semiconductor FUSB307BMPX Datasheet HTML 44Page - ON Semiconductor FUSB307BMPX Datasheet HTML 45Page - ON Semiconductor FUSB307BMPX Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
www.onsemi.com
42
Table 44. FAULTSTAT (continued)
Address: 1Fh
Reset Value: 0x80
Type: Read/Write 1 to Clear
Bit #
Fault Status Interrupt Description (Note 33)
Size (Bits)
R/W/C
Name
1
VCONN_OCP
R/WC
1
0b: No VCONN Over−Current Detected
1b: Over current on VCONN Latched. See VCONN_ Registers to
set VCONN OCP levels.
0
I2C_ERROR
R/WC
1
0b: No Error
1b: I2C Error has occurred
Asserts when: or SINK_TRANSMIT has been sent with
TRANSMIT_BUFFER empty (TXBYTECNT < 2).
COMMAND.DisableVbusDetect is issued while sinking or sourcing
VBUS.COMMAND.SinkVbus is issued while sourcing
VBUSCOMMAND.SourceVbusDefaultVoltage is issued while
sinking VBUS
COMMAND.SourceVbusHighVoltage is issued when device is not
already sourcing 5 V, is sinking, or is not capable of sourcing high
voltage
Connect_Invalid State is reached
33. Fault Status are latched and cleared when a 1 is written to the corresponding bit.
34. ALL_REGS_RESET do not get set on SW_RST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com