Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 14 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 10Page - ON Semiconductor FUSB307BMPX Datasheet HTML 11Page - ON Semiconductor FUSB307BMPX Datasheet HTML 12Page - ON Semiconductor FUSB307BMPX Datasheet HTML 13Page - ON Semiconductor FUSB307BMPX Datasheet HTML 14Page - ON Semiconductor FUSB307BMPX Datasheet HTML 15Page - ON Semiconductor FUSB307BMPX Datasheet HTML 16Page - ON Semiconductor FUSB307BMPX Datasheet HTML 17Page - ON Semiconductor FUSB307BMPX Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
FUSB307B
www.onsemi.com
14
Figure 13. Transition to vSafe5V on Power Up
Accepted High Voltage
Policy Engine requests for VBUS transition
to high voltage
Read
ALERT
ALERT.I_VALARM_HI = 1b?
Enable Monitoring of VBUS
SRC = High
Monitor VALARMHCFG
Service other
ALERTS
No
FUSB307B
TCPM
Read ALERT
Sourcing vSafe5V
PWRSTAT.SOURCE_VBUS = 1b
PWRSTAT.SOURCE_HV = 0b (if 307/8)
SRC = High
Yes
Enable Monitoring of VBUS
Write:
PWRCTRL.AUTO_DISCH = 0b
PWRCTRL.DIS_VALARM = 0b
VALARMHCFG = vNewSrc (Min)
Set ALERTL.I_VBUS_ALARM_HI
Transition HV Source
Enable external source path or transition existing
Source to HV
VALARMH Trip?
Y
No
Notify Policy Engine that voltage
transition is complete
Setup FUSB305 for HV Sourcing
Write:
VALARML/HCFG
PWRCTRL.AUTO_DISCH = 1b
Sourcing HV via SRC
Transition to HV using SRC enabled Path
NOTE:
Transitioning from HV on SRC to vSafe5v also on SRC can be done by using Voltage Alarm Low. Power supply
is responsible for transitioning voltages to meet USB PD spec− no discharge necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com