Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 46 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 46 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 42Page - ON Semiconductor FUSB307BMPX Datasheet HTML 43Page - ON Semiconductor FUSB307BMPX Datasheet HTML 44Page - ON Semiconductor FUSB307BMPX Datasheet HTML 45Page - ON Semiconductor FUSB307BMPX Datasheet HTML 46Page - ON Semiconductor FUSB307BMPX Datasheet HTML 47Page - ON Semiconductor FUSB307BMPX Datasheet HTML 48Page - ON Semiconductor FUSB307BMPX Datasheet HTML 49Page - ON Semiconductor FUSB307BMPX Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
www.onsemi.com
46
Table 50. STD_OUT_CAP
Address: 29h
Reset Value: FUSB307B: 0x41
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Standard Outputs Capabilities Description
7
Reserved
R
1
Reserved: 00b
6
DEBUG_ACC
R
1
0b: Debug Accessory Indicator Not Present
1b: Debug Accessory Indicator Present
5
VBUS_MON
R
1
0b: VBUS Present Monitor Not Present
4
AUDIO_ACC
R
1
0b: Audio Adapter Accessory Indicator Not Present
3
ACTIVE_CABLE
R
1
0b: Active Cable Indicator not Present
2
MUX_CTRL
R
1
0b: Mux Control Not Present
1
CON_PRESENT
R
1
0b: Connection Present indicator not implemented
0
ORIENT
R
1
1b: Connector Orientation Present
Table 51. MSGHEADR
Address: 2Eh
Reset Value: 0x02 for FUSB307B
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Message Header Info Description
7:5
Reserved
R
3
Reserved: 000b
4
CBL_PLUG
R/W
1
Cable Plug
0b: Message originated from Source, Sink, or DRP
1b: Message originated from a Cable Plug
3
DATA_ROLE
R/W
1
Data Role
0b: SINK
1b: SOURCE
2:1
USBPD_REV
R/W
2
USB−PD Specification Revision
00b: Revision 1.0
01b: Revision 2.0
10b – 11b: Reserved
0
POWER_ROLE
R/W
1
Power Role
0b: Sink
1b: Source
Table 52. RXDETECT
RXDETECT enables the types of messages and/or signaling to be detected. SOP* enabling also turns on auto−GoodCRC response.
This register is reset when: A Hard Reset is received or sent; after the GoodCRC transmission due to RxOneMore; on a disconnect
detection; SW_RST or POR.
Address: 2Fh
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Receive Detect Description (Note 35)
7
Reserved
R
1
Reserved: 0b
6
EN_CABLE_RST
R
1
0b: Do not detect Cable Reset signaling
5
EN_HRD_RST
R/W
1
0b: Do not detect Hard Reset signaling (default)
1b: Detect Hard Reset signaling
4
EN_SOP2_DBG
R/W
1
0b: Do not detect SOP_DBG” message (default)
1b: Detect SOP_DBG” message
3
EN_SOP1_DBG
R/W
1
0b: Do not detect SOP_DBG’ message (default)
1b: Detect SOP_DBG’ message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com