Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 38 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 38 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 34Page - ON Semiconductor FUSB307BMPX Datasheet HTML 35Page - ON Semiconductor FUSB307BMPX Datasheet HTML 36Page - ON Semiconductor FUSB307BMPX Datasheet HTML 37Page - ON Semiconductor FUSB307BMPX Datasheet HTML 38Page - ON Semiconductor FUSB307BMPX Datasheet HTML 39Page - ON Semiconductor FUSB307BMPX Datasheet HTML 40Page - ON Semiconductor FUSB307BMPX Datasheet HTML 41Page - ON Semiconductor FUSB307BMPX Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
www.onsemi.com
38
Table 38. TCPC_CTRL
Address: 19h
Reset Value: 0x00 (POR, and SW_RST)
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
TCPC Control Register
7:4
Reserved
R
2
Reserved: 00b
5
EN_WATCHDOG
R/W
1
0b: Watchdog Monitoring is disabled (default)
1b: Watchdog Monitoring is enabled
4
DEBUG_ACC_CTRL
R/W
1
Debug Accessory Control
0b: Standard Output is Controlled by FUSB307B
1b: Standard Output is Controlled by external processor
Note: See: Debug Accessory State Machine
3:2
I2C_CLK_STRETCH
R
2
00b: I2C clock stretching is disabled. Writing to these register bits
will be ignored.
1
BIST_TMODE
R/W
1
BIST Test Data Receive Enable
0b: Normal Operation. Incoming messages are stored and passed
to host
1b: BIST Test Mode. Receive buffer is cleared immediately after
GoodCRC response.
0
ORIENT
R/W
1
Plug Orientation
0b: When Vconn is enabled, apply it to the CC2 pin. Monitor the
CC1 pin for BMC communications if PD messaging is enabled.
1b: When Vconn is enabled, apply it to the CC1 pin. Monitor the
CC2 pin for BMC communications if PD messaging is enabled.
Table 39. ROLECTRL
Address: 1Ah
Reset Value (Note 19) 0x0A for FUSB307B Device in dead battery, 0x4A for non−dead−battery.
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Role Control Description
7
Reserved
R
1
Reserved: 0b
6
DRP
(Notes 21, 22)
R/W
1
0b: No DRP.
Bits B3..0 determine Rp/Rd/Ra settings
1b: DRP
5:4
RP_VAL
R/W
2
00b: Rp default
01b: Rp 1.5 A
10b: Rp 3.0 A
11b: Reserved
3:2
CC2_TERM
(Notes 23, 24)
R/W
2
00b: Ra
01b: Rp (Use Rp definition in B5..4)
10b: Rd
11b: Open (Disconnect or don’t care)
1:0
CC1_TERM
(Notes 23, 24)
R/W
2
00b: Ra
01b: Rp (Use Rp definition in B5..4)
10b: Rd
11b: Open (Disconnect or don’t care)
20. Reset values are loaded on either VBUS or VDD power up. Dead battery Reset values loaded on VBUS power up will be maintained when
battery is eventually present.
21. Rp value is defined in B5..4 when performing the DRP toggling as well as when a connection is resolved.
22. The FUSB307B toggles CC1 & CC2 after receiving a.LOOK4CON and until a connection is detected. Upon connection, the FUSB307B
resolves to either an Rp or Rd and report the CC1/CC2 State in the CCSTAT register. The FUSB307B will continue to present the resolved
Rd or Rp regardless of any changes voltage on the CC wires.
23. When CCx_TERM bits are set to Open and DRP = 0, the PHY and CC comparators will power down.
24. If DRP = 1, LOOK4CON starts toggling with the value set in CC1_TERM/CC2_TERM. If CC1_TERM/CC2_TERM is different than Rp/Rp
or Rd/Rd, the COMMAND will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com