Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 10 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 6Page - ON Semiconductor FUSB307BMPX Datasheet HTML 7Page - ON Semiconductor FUSB307BMPX Datasheet HTML 8Page - ON Semiconductor FUSB307BMPX Datasheet HTML 9Page - ON Semiconductor FUSB307BMPX Datasheet HTML 10Page - ON Semiconductor FUSB307BMPX Datasheet HTML 11Page - ON Semiconductor FUSB307BMPX Datasheet HTML 12Page - ON Semiconductor FUSB307BMPX Datasheet HTML 13Page - ON Semiconductor FUSB307BMPX Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
FUSB307B
www.onsemi.com
10
BMC Power Delivery
The Type−C connector allows USB Power Delivery (PD)
to be communicated over the connected CC pin between two
ports. The communication method is the BMC Power
Delivery protocol and is used for many different reasons
with the Type−C connector. Possible uses are outlined
below.
• Negotiating and controlling charging power levels
• Alternative Interfaces such as MHL, Display Port
• Vendor specific interfaces for use with custom docks or
accessories
• Role swap for dual−role ports that want to switch who
is the host or device
• Communication with USB3.1 full featured cables
The FUSB307B integrates a thin BMC PD client which
includes the BMC physical layer and packet buffers which
allows packets to be sent and received by the host software
through I2C accesses.
Receive State Machine
The TCPM can setup the desired types of messages to be
received by the FUSB307B via the RXDETECT register.
This register defaults to 0x00 (Receiver disabled) upon
power up, reset, Hard Reset transmission and reception, and
upon detecting a cable disconnect. A message is not received
unless it is first enabled. Figure 9 shows the FUSB307B
receive state machine.
Upon a successfully transmitting GoodCRC, the
RXSTAT register is updated with the type of message
received and the TCPM is alerted via ALERTL.I_RXSTAT
bit (see transition from PRL_Rx_Send_GoodCRC to
PRL_Rx_Report_SOP* in Figure 9). The total number of
bytes in the receive buffer RXDATA is stored in
RXBYTECNT This number includes the header bytes that
are stored in RXHEADL and RXHEADH and the RXSTAT
register.
The RXBYTECNT, RXSTAT registers and the internal
receive buffer will be cleared after the ALERTL.I_RXSTAT
bit is cleared.
The FUSB307B will automatically transmit a GoodCRC
message for valid enabled messages within tTransmit.
A received message is valid when:
• It is not a GoodCRC message
• The calculated CRC is correct
• The SOP* type is enabled
The makeup of the GoodCRC message is formed by the
received SOP* type and the contents of MSGHEADR
register.
When an expected GoodCRC message or a Hard Reset
signaling is received, they will not be replied with a
GoodCRC message (see Note 2 in Figure 9). If a GoodCRC
message received was not expected due to the SOP* type or
mismatched Message ID, the receive state machine will not
send a GoodCRC message and will transition to
PRL_Rx_Report SOP* to inform the TCPM.
If a Hard Reset message is received, the FUSB307B will
reset the RXDETECT preventing the reception of future
messages until the TCPM re−enables it.
Figure 9. Receive State Machine
Message received from PHY
GoodCRC Transmission complete
Start
PRL_Rx_Send_GoodCRC
Actions on entry:
Send GoodCRC message to PHY
PRL_Rx_Wait_for_PHY_
message
Actions on entry:
PRL_Rx_Report_SOP*
Actions on entry:
Update RECEIVE_STATUS
(ALERT_L.RXSTAT asserted)
Message discarded
bus Idle
PRL_Rx_Message_Discard
Actions on entry:
If Tx State−Machine active, discard
transmission and assert
ALERT_L.TXDISC
else
Unexpected
GoodCRC received
FUSB305 receives Hard reset |
Cable reset
1. This indication is sent by the PHY when a message has been discarded due to CC being busy, and after CC becomes idle again
(see USB PD Spec).
2. Messages do not include Hard Reset or Cable Reset signals or expected GoodCRC messages (GoodCRC messages are only
expected after the FUSB305 PHY has received the tx message and the FUSB305 Tx state−machine is in the
PRL_Tx_Wait_for_PHY_response state).
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com