Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 49 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 49 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 45Page - ON Semiconductor FUSB307BMPX Datasheet HTML 46Page - ON Semiconductor FUSB307BMPX Datasheet HTML 47Page - ON Semiconductor FUSB307BMPX Datasheet HTML 48Page - ON Semiconductor FUSB307BMPX Datasheet HTML 49Page - ON Semiconductor FUSB307BMPX Datasheet HTML 50Page - ON Semiconductor FUSB307BMPX Datasheet HTML 51Page - ON Semiconductor FUSB307BMPX Datasheet HTML 52Page - ON Semiconductor FUSB307BMPX Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
www.onsemi.com
49
Table 61. TXHEADH
Address: 53h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Transmit Header High Description
7:0
TXHEADH
R/W
8
Transmit Header High
Table 62. TXDATA
Addresses: 54−6Fh
Reset Value: 0x00
Type: Read/Write
Byte #
Name
R/W/C
Size (Bits)
Transmit Payload Description
27:0
TXDATA0..27
R/W
8
Tx Payload
Table 63. VBUS_VOLTAGE_L
Address: 70h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
VBUS Voltage Low Description (Note 36)
7
VBUS_V_BIT7
R
1
Bit 7 of VBUS Measurement
6
VBUS_V_BIT6
R
1
Bit 6 of VBUS Measurement
5
VBUS_V_BIT5
R
1
Bit 5 of VBUS Measurement
4
VBUS_V_BIT4
R
1
Bit 4 of VBUS Measurement
3
VBUS_V_BIT3
R
1
Bit 3 of VBUS Measurement
2
VBUS_V_BIT2
R
1
Bit 2 of VBUS Measurement
1
VBUS_V_BIT1
R
1
Bit 1 of VBUS Measurement
0
VBUS_V_BIT0
R
1
Bit 0 of VBUS Measurement
36. TCPM must read VBUS_VOLTAGE_L before reading VBUS_VOLTAGE_H to guarantee ADC output and I2C are properly synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com