Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 24 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 20Page - ON Semiconductor FUSB307BMPX Datasheet HTML 21Page - ON Semiconductor FUSB307BMPX Datasheet HTML 22Page - ON Semiconductor FUSB307BMPX Datasheet HTML 23Page - ON Semiconductor FUSB307BMPX Datasheet HTML 24Page - ON Semiconductor FUSB307BMPX Datasheet HTML 25Page - ON Semiconductor FUSB307BMPX Datasheet HTML 26Page - ON Semiconductor FUSB307BMPX Datasheet HTML 27Page - ON Semiconductor FUSB307BMPX Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
FUSB307B
www.onsemi.com
24
Table 11.
VBUS MEASUREMENT CHARACTERISTICS
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ = −40 to +1255C
Unit
Min
Typ
Max
vMDACstepVBUS
VBUS Measure block LSB reported on VBUS_VOLTAGE[9:0]
register
25
mV
pMDACVBUS
Accuracy of VBUS Voltage Measurement
TA = −40 to +85°C
±2
%
TA = +85 to +105°C
(Note 12)
±5
%
tVBUSsample
Sampling period of VBUS Measurement
3
ms
vVBUSthr
VBUS threshold at which
VBUS_VAL interrupt is triggered.
Assumes VBUS present detection
is enabled
VDD > VDDGOOD
3.5
4.0
(Note 14)
V
VDD < VDDGOOD
(Dead Battery)
3.4
4.0
vVBUShys
Hysteresis on VBUS Comparator
50
mV
vSafe0Vthr
Safe Operating Voltage at “Zero Volts” Threshold
0.8
V
vSafe0Vhys
vSafe0V Hysteresis
40
mV
vALARMLSB
LSB of VBUS thresholds for VBUS_SNK_DISCL
VBUS_STOP_DISCL VALARMHCFGL VALARMLCFGL
50
mV
pALARM
Accuracy of VBUS thresholds for VBUS_SNK_DISCL
VBUS_STOP_DISCL VALARMHCFGL VALARMLCFGL
±5
%
14. FUSB307BVMPX vVBUSthr (max) = 4.05 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com