Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 25 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 25 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 21Page - ON Semiconductor FUSB307BMPX Datasheet HTML 22Page - ON Semiconductor FUSB307BMPX Datasheet HTML 23Page - ON Semiconductor FUSB307BMPX Datasheet HTML 24Page - ON Semiconductor FUSB307BMPX Datasheet HTML 25Page - ON Semiconductor FUSB307BMPX Datasheet HTML 26Page - ON Semiconductor FUSB307BMPX Datasheet HTML 27Page - ON Semiconductor FUSB307BMPX Datasheet HTML 28Page - ON Semiconductor FUSB307BMPX Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
FUSB307B
www.onsemi.com
25
Table 12.
SOURCE AND SINK CONTROL SPECIFICATIONS
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C
(Note 17)
TJ = −40 to +1255C
Min
Typ
Max
Unit
RBLEED
Equivalent Resistance for bleed
discharging VBUS
VBUS = 4.0 V to 21.5 V
4
7
k
Ω
vSrcSlewNeg
Maximum slew rate allowed
when discharging VBUS
VBUS = 4.0 V to 21.5 V
30
mV/
μs
tSafe0V
Time to reach vSafe0V max
650
ms
tSafe5V
Time to reach vSafe5V max
275
ms
tSrcSettle
Time to discharge to vSrcNew
275
ms
tAUTO_DISCH_FAIL
Time to declare auto discharge
failure to discharge to vSafe0V
Device configured as Source.
Measure from CCSTAT change to Open
650
ms
Device configured as Sink.
Measure from I_VBUS_SNK_DISC
440
ms
tAUTO_DISCH_FAIL_5V Time to declare auto discharge
failure to discharge to vSafe5v
Device configured as Source.
Measure from CCSTAT change to Open
275
ms
Device configured as Sink.
Measure from I_VBUS_SNK_DISC
60
ms
Table 13.
LDO SPECIFICATIONS
Symbol
Parameter
VDD
Conditions
TA = −40 to +855C
TA = −40 to +1055C
(Note 17)
TJ = −40 to +1255C
Unit
Min
Typ
Max
Unit
VV3P3
LDO Output Voltage
< VDDGOOD
VBUS = 4.0 V to 21.5 V
3.0
3.6
V
VLDO_VALID
Valid VBUS_IN range for LDO operation
< VDDGOOD
4.0
21.5
V
VDDGOOD
VDD Voltage where device is powered
from VDD instead of VBUS
2.7
3.0
V
ILDO_MAX
Max. Output Current
< VDDGOOD
VBUS = 4.0 V to 21.5 V,
VDROP = 120 mV
30
mA
Table 14.
OVER-TEMPERATURE SPECIFICATIONS
Symbol
Parameter
Min
Typ
Max
Unit
TSHUT
Temp. for VCONN Switch Turn Off
145
°C
THYS
Temp. Hysteresis for VCONN Switch Turn On
10
°C
Table 15.
WATCHDOG TIMER SPECIFICATIONS
Symbol
Parameter
Min
Typ
Max
Unit
THVWatchdog
Time from last I2C transaction or INTB pin as-
sertion to entering ErrorRecovery
1500
2000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com